Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE601 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STDRIVE601
Description  Triple half-bridge high-voltage gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE601 Datasheet(HTML) 5 Page - STMicroelectronics

  STDRIVE601 Datasheet HTML 1Page - STMicroelectronics STDRIVE601 Datasheet HTML 2Page - STMicroelectronics STDRIVE601 Datasheet HTML 3Page - STMicroelectronics STDRIVE601 Datasheet HTML 4Page - STMicroelectronics STDRIVE601 Datasheet HTML 5Page - STMicroelectronics STDRIVE601 Datasheet HTML 6Page - STMicroelectronics STDRIVE601 Datasheet HTML 7Page - STMicroelectronics STDRIVE601 Datasheet HTML 8Page - STMicroelectronics STDRIVE601 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
3
Electrical data
3.1
Absolute maximum ratings
Table 2. Absolute maximum ratings
Note:
Each voltage referred to SGND unless otherwise specified.
Symbol
Parameter
Min.
Max.
Unit
VCC
Logic supply voltage
-0.3
21
V
VPGND
Low-side driver ground
VCC - 21
VCC + 0.3
V
VPS(1)
Low-side drivers ground
-21
21
V
VOUT
Output voltage
VBOOT - 21
VBOOT + 0.3
V
VBOOT
Bootstrap voltage
- 0.3
620
V
VHVG
High-side gate output voltage
VOUT - 0.3
VBOOT + 0.3
V
VLVG
Low-side gate output voltage
VPGND - 0.3
VCC + 0.3
V
VCIN
Comparator input voltage
- 0.3
20
V
Vi
Logic input voltage(2)
- 0.3
15
V
VOD
OD pin voltage
- 0.3
21
V
VFAULT
FAULT pin voltage
- 0.3
21
V
dVOUT/dt
Common mode transient Immunity
50
V/ns
TJ
Junction temperature
-40
150
°C
TS
Storage temperature
-50
150
°C
ESD
Human body model
2(3)
kV
1. VPS = PGND - SGND.
2. EN, LINx, HINx.
3. Pins 18 to 28 have HBM ESD rating 1C conforming to ANSI/ESDA/JEDEC JS-001-2014.
3.2
Thermal data
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rth(JA)
Thermal resistance junction to ambient(1)
52
°C/W
1. JEDEC 2s2p PCB in still air.
STDRIVE601
Electrical data
DS12949 - Rev 2
page 5/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com