Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet (PDF) - STMicroelectronics

STDRIVE102BH Datasheet PDF - STMicroelectronics
Part # STDRIVE102BH
Download  STDRIVE102BH Download
File Size   3357.75 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Triple half-bridge gate driver with programmable currents

STDRIVE102BH Datasheet (PDF)

Go To PDF Page Download Datasheet
STDRIVE102BH Datasheet PDF - STMicroelectronics

Part # STDRIVE102BH
Download  STDRIVE102BH Click to download

File Size   3357.75 Kbytes
Page   56 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Triple half-bridge gate driver with programmable currents

STDRIVE102BH Datasheet (HTML) - STMicroelectronics


STDRIVE102BH Product details

Features
• Operating voltage from 6 to 50 V
• Gate drivers with programmable current capability up to:
– 1 A source current
– 2 A sink current
• High robustness against below-ground and overshoot
• Charge pump for 100 % duty cycle operation with dedicated undervoltage
lockout protection
• Flexible power management:
– 12 V LDO linear regulator with dedicated undervoltage lockout
protection
– 3.3 V LDO linear regulator with dedicated undervoltage lockout
protection
• Standby mode for low consumption less than 50 nA
• Thermal shutdown protection
• VDS monitoring for safe driving operation of the power MOSFETs
• Flexible analog front-end:
– Up to three wide-bandwidth operational amplifiers
– Up to three high-speed comparators
• Dual control modes:
– ENx/INx
– INHx/INLX with interlocking
• Matched propagation delay for all channels
• Logic inputs up to 5 V, TTL compatible

Applications
• Battery supplied power tools
• Portable vacuum cleaners
• E-bikes
• Industrial automation
• Robotics
• Pumps and fans




Similar Part No. - STDRIVE102BH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDRIVE102BH STMICROELECTRONICS-STDRIVE102BH Datasheet
5Mb / 6P
STDRIVE102BH evaluation board for three-phase brushless motors
24-Mar-2025
More results


Similar Description - STDRIVE102BH

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5102 NSC-LM5102 Datasheet
368Kb / 13P
High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
100V Half Bridge Gate Driver with Programmable Dead-time
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
100V Half Bridge Gate Driver with Programmable
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
Half Bridge Gate Driver with Programmable Dead-Time
LM5102MM TI1-LM5102MM Datasheet
958Kb / 19P
LM5102 High Voltage Half-Bridge Gate Driver with Programmable Delay
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
100V Half Bridge Gate Driver With Programmable Dead-Time
logo
STMicroelectronics
STDRIVE601 STMICROELECTRONICS-STDRIVE601 Datasheet
406Kb / 26P
Triple half-bridge high-voltage gate driver
02-Apr-2021
logo
Diodes Incorporated
DGD0506 DIODES-DGD0506 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
June 2021
DGD0506A DIODES-DGD0506A_V01 Datasheet
845Kb / 13P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 4 - 2 November 2019
DGD05463 DIODES-DGD05463_V01 Datasheet
914Kb / 14P
HIGH FREQUENCY HALF-BRIDGE GATE DRIVER WITH PROGRAMMABLE DEADTIME
Rev. 6 - 2 July 2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com