Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 7 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 3Page - STMicroelectronics STDRIVE102BH Datasheet HTML 4Page - STMicroelectronics STDRIVE102BH Datasheet HTML 5Page - STMicroelectronics STDRIVE102BH Datasheet HTML 6Page - STMicroelectronics STDRIVE102BH Datasheet HTML 7Page - STMicroelectronics STDRIVE102BH Datasheet HTML 8Page - STMicroelectronics STDRIVE102BH Datasheet HTML 9Page - STMicroelectronics STDRIVE102BH Datasheet HTML 10Page - STMicroelectronics STDRIVE102BH Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
2.3
Thermal data
Thermal values are calculated by simulation.
Table 3. STDRIVE102BH thermal data (VFQFPN 48L, 6x6x1 mm)
Symbol
Parameter
Test condition
Value Unit
RthJA
Junction-to-ambient thermal resistance
Natural convection according to JESD51-2a
32.1
°C/W
RthJCtop Junction-to-case thermal resistance (top side)
Cold plate on top, according to JESD51-12
15.8
°C/W
RthJCbot Junction-to-case thermal resistance (bottom side)
Cold plate on exposed pad, according to
JESD51-12
3.4
°C/W
RthJB
Junction-to-board thermal resistance
According to JESD51-8
15.3
°C/W
ΨJT
Junction-to-top characterization parameter
According to JESD51-2a
0.1
°C/W
ΨJB
Junction-to-board characterization parameter
According to JESD51-2a
15
°C/W
Table 4. STDRIVE102H thermal data (VFQFPN 40L, 5x5x1 mm)
Symbol
Parameter
Test condition
Value Unit
RthJA
Junction-to-ambient thermal resistance
Natural convection according to JESD51-2a
36.3
°C/W
RthJCtop Junction-to-case thermal resistance (top side)
Cold plate on top, according to JESD51-12
19.5
°C/W
RthJCbot Junction-to-case thermal resistance (bottom side)
Cold plate on exposed pad, according to
JESD51-12
4.0
°C/W
RthJB
Junction-to-board thermal resistance
According to JESD51-8
18.0
°C/W
ΨJT
Junction-to-top characterization parameter
According to JESD51-2a
0.1
°C/W
ΨJB
Junction-to-board characterization parameter
According to JESD51-2a
17.7
°C/W
2.4
Electrical sensitivity characteristics
Table 5. ESD protection ratings
Symbol
Parameter
Test condition
Class
Value
Unit
HBM
Human Body Model
Conforming to ANSI/ESDA/JEDEC JS-001-2017
2
2000
V
CDM
Charge Device Model
Conforming to ANSI/ESDA/JEDEC JS-002-2018
C3
1000
V
STDRIVE102BH, STDRIVE102H
Device ratings
DS14545 - Rev 1
page 7/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com