Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 25 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 21Page - STMicroelectronics STDRIVE102BH Datasheet HTML 22Page - STMicroelectronics STDRIVE102BH Datasheet HTML 23Page - STMicroelectronics STDRIVE102BH Datasheet HTML 24Page - STMicroelectronics STDRIVE102BH Datasheet HTML 25Page - STMicroelectronics STDRIVE102BH Datasheet HTML 26Page - STMicroelectronics STDRIVE102BH Datasheet HTML 27Page - STMicroelectronics STDRIVE102BH Datasheet HTML 28Page - STMicroelectronics STDRIVE102BH Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
For a given couple of values of IGATE,on or IGATE,off a couple of tcc,on and tcc,off can be selected among the values
of Table 10. In this case the total gate charge Qg,tot of the external MOSFET must be considered, in order to
ensure the complete charge/discharge of the gate within the tcc time selected.
Equation 3
tcc,on> QG,tot
IGATE,on            ,  tcc,off> QG,tot
IGATE,off
(3)
The condition reported in Eq. (3) allows to completely turn off one MOSFET before turning on the complementary
one, thus leading to the insertion of an adequate deadtime and preventing the risk of cross conduction.
Since the IGATE,on is half of the IGATE,off, the relation reported in Eq. (3) brings to a tcc,on that is twice the tcc,off. For
this reason, the STDRIVE102BH/H imposes this relation as shown in Table 10.
Section 5.2.1.3 shows a practical example on how to select IGATE and TCC settings, based on what is described
in this section.
5.2.1.2
Direct mode (INH/INL)
In direct mode, each digital input is directly related to the state of each driver. The digital input INHx/INx (simply
indicated as INHx) controls directly the high-side driver; the INLx/ENx (simply indicated as INLx) controls the low-
side driver. High digital input implies the gate driver turns on the respective MOSFET; low digital input turns it off.
The six digital inputs are managed as reported in Table 13, where x = 1, 2, 3 refers to the half-bridge driven.
As shown in Table 13, whenever INHx and INLx are set high together, both drivers turn off their respective
MOSFET. This logic configuration is referred to as interlocking and it is implemented to prevent both the power
MOSFETs of the same half-bridge from turning on together, avoiding any dangerous cross-conduction.
Table 13. Truth table for the direct mode
EN
INLx
INHx
GLSx
GHSx
OUTx
Half-bridge status
0
Do not
care
Do not
care
All GLSx sink current
All drivers’ status LOW
All the low-side MOSFETs OFF
All GHSx sink current
All drivers’ status LOW
All the high-side MOSFETs OFF
All three phases are in high
impedance
1
0
0
GLSx sink current
Driver x status LOW
Low-side MOSFET x OFF
GHSx sink current
Driver x status LOW
High-side MOSFET x OFF
OUTx in high impedance
1
0
1
GLSx sink current
Driver x status LOW
Low-side MOSFET x OFF
GHSx source current
Driver x status HIGH
High-side MOSFET x ON
OUTx at VM
1
1
0
GLSx source current
Driver x status HIGH
Low-side MOSFET x ON
GHSx sink current
Driver x status LOW
High-side MOSFET x OFF
OUTx at GND
1
1
1
GLSx sink current
Driver x status LOW
Low-side MOSFET x OFF
GHSx sink current
Driver x status LOW
High-side MOSFET x OFF
OUTx in high impedance
Interlocking
In direct mode, the driver timings are set to a fixed value tcc,on = 2240 ns and tcc,off = 1120 ns. These timings can
ensure the complete charge or discharge of the gate for a wide range of external MOSFETs: referring to Equation
2, the maximum total gate charge supported by the drivers is 2240 nC.
The deadtime between the turn-off of one driver and the turn-on of the complementary one is introduced by the
user on the input signals INHx and INLx (Figure 15).
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 25/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com