Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 35 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 35 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 31Page - STMicroelectronics STDRIVE102BH Datasheet HTML 32Page - STMicroelectronics STDRIVE102BH Datasheet HTML 33Page - STMicroelectronics STDRIVE102BH Datasheet HTML 34Page - STMicroelectronics STDRIVE102BH Datasheet HTML 35Page - STMicroelectronics STDRIVE102BH Datasheet HTML 36Page - STMicroelectronics STDRIVE102BH Datasheet HTML 37Page - STMicroelectronics STDRIVE102BH Datasheet HTML 38Page - STMicroelectronics STDRIVE102BH Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
5.6
Protections management summary
A summary of the protections and the effects on the functional blocks of the device can be found in Table 16. The
protections embedded in the STDRIVE102BH/H ensure a safe operation for the gate drivers and the external
power stage. The protections include:
Undervoltage lock-out (UVLO) for:
12 V LDO regulator: VCC supply (Section 5.1.1)
3.3 V LDO regulator: VDD supply (Section 5.1.2)
Charge pump: VBOOT - VM supply (Section 5.1.3)
VDS monitor protection (Section 5.2.3)
AFE comparators protection (Section 5.3)
Thermal shutdown protection (Section 5.5)
When a protection is triggered, the nFAULT pin is kept low as long as the FAULT condition is released. Depending
on the fault condition one or more functional blocks are disabled.
In addition to the protections listed above, the STDRIVE102BH reports a warning event on the FLAG pin, in case
the VCC supply of the drivers falls below the power-good threshold VP_GOOD(Off). The FLAG pin provides the
indication that the VCC is low and the drivers are operating with a reduced voltage. The FLAG pin is intended to
be an early warning before the actual protection that is the UVLO on the VCC pin. When VCC falls below the
VP_GOOD(Off) threshold, the open-drain FLAG pin is set low and it is released when the VCC rises above the
VP_GOOD(On) threshold (refer to Figure 7). The power-good warning does not impact on the drivers operation,
which continue working according to their driving input signals.
During the thermal shutdown, as the power-good monitoring turns off together with the VCC linear regulator, the
FLAG open-drain pin is forced low. Even if the VCC pin is forced by an external voltage higher than the
VP_GOOD(On) threshold, the FLAG pin is forced low, because the circuitry controlling the power-good signal is
disabled. After the thermal shutdown, the regulator is enabled again and the FLAG pin is released as soon as the
VCC increases above the VP_GOOD(On) threshold.
Table 16. Device protections summary
Protection
Condition
Driver
HS
Driver
LS
12 V LDO
3.3 V
LDO
Charge
pump
Release condition
Notes
UVLO VCC
VCC < VCC(Off)
LOW
LOW
Active
Active
Active
VCC > VCC(On)
UVLO VDD
VDD <
VDD(Off)
LOW
LOW
Active
Active
Active
VDD > VDD(On)
The AFE could
not work
properly,
drivers are
disabled
Charge pump
UVLO
(VBOOT - VM) <
VCPump(Off)
LOW
Active
Active
Active
Active
(VBOOT - VM) >
VCPump(On)
Thermal
shutdown
Tj > Tj(THSD)
LOW (1)
LOW (1)
Disable
Disable
Disable
Tj < Tj(THSD),rec
Both nFAULT
and FLAG are
forced low
VDS monitor
VDS > VDS,th
LOW
LOW
Active
Active
Active
Standby or EN forced
low (< Vrelease)
AFE comparators
VC_INx > VCREF
LOW
LOW
Active
Active
Active
Standby or EN forced
low (< Vrelease)
Warning on VCC
(2)
VCC < VP_GOOD(Off)
Active
Active
Active
Active
Active
VCC > VP_GOOD(On)
Warning only, it
is reported on
FLAG pin
1. The drivers can force LOW the MOSFETs’ gates only if VCC and VBOOT supplies are present. Thermal shutdown turns off both the 12 V
regulator and the charge pump, so the gate drivers’ ability to turn off the MOSFET could be affected.
2. Avaialble only for STDRIVE102BH.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 35/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com