Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 34 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 30Page - STMicroelectronics STDRIVE102BH Datasheet HTML 31Page - STMicroelectronics STDRIVE102BH Datasheet HTML 32Page - STMicroelectronics STDRIVE102BH Datasheet HTML 33Page - STMicroelectronics STDRIVE102BH Datasheet HTML 34Page - STMicroelectronics STDRIVE102BH Datasheet HTML 35Page - STMicroelectronics STDRIVE102BH Datasheet HTML 36Page - STMicroelectronics STDRIVE102BH Datasheet HTML 37Page - STMicroelectronics STDRIVE102BH Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
5.5
Thermal shutdown
The STDRIVE102BH/H has a thermal shutdown protection: if the junction temperature of the device exceeds the
thermal shutdown threshold Tj(THSD), the driver turns off the external power MOSFETs and after a tcc,off the linear
regulators and the charge pump are disabled. The nFAULT pin is forced low (refer to Figure 25).
Note that the blocks generating the supply of the drivers (VCC and VBOOT) are turned off: therefore, the supplies
slowly decrease according to the external capacitor present on the VCC and VBOOT pins. When the capacitors
are fully discharged, the external MOSFETs are kept off only by the 100 kΩ resistors present on each driver’s
output.
Turning off the 12 V regulator results in the turn off of the UVLO and power good circuitry. As a consequence, the
nFAULT is forced low together with the FLAG pin (for the STDRIVE102BH only), regardless the actual voltage on
VCC pin.
As soon as the temperature of the device decreases below the Tj(THSD),rec temperature, all the functional blocks
are enabled again. According to the duration of the thermal transient, the regulators and their different supplies
(VBOOT, VCC and VDD) can decrease below the UVLO threshold. In this case the drivers are enabled and the
nFAULT pin is released as soon as all the UVLO condition is released. In the STDRIVE102BH, the FLAG pin is
released according to the power-good circuitry (refer to Table 16 in the next section).
Figure 25. STDRIVE102BH/H thermal thresholds
Tj
nFAULT
Tj(THSD)
EN
Gate drivers active
Gate drivers LOW
VCC(On)
Gate drivers active
+
VCC
VDD
Gate
Drivers
VCC
(Reg. 12V)
VDD
(Reg. 3.3V)
operative
Device Thermal
shutdown
operative
UVLO
Tj(THSD),rec
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 34/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com