Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 17 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 13Page - STMicroelectronics STDRIVE102BH Datasheet HTML 14Page - STMicroelectronics STDRIVE102BH Datasheet HTML 15Page - STMicroelectronics STDRIVE102BH Datasheet HTML 16Page - STMicroelectronics STDRIVE102BH Datasheet HTML 17Page - STMicroelectronics STDRIVE102BH Datasheet HTML 18Page - STMicroelectronics STDRIVE102BH Datasheet HTML 19Page - STMicroelectronics STDRIVE102BH Datasheet HTML 20Page - STMicroelectronics STDRIVE102BH Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
Figure 7. VCC thresholds (power-good and UVLO)
VP_GOOD(On)
VCC(On)
VCC
nFAULT
FLAG
EN
Gate drivers active
Gate drivers
LOW
Gate Drivers
VP_GOOD(Off)
VCC(Off)
Gate drivers active
(*)
Note:
(*) The FLAG pin is available only in the STDRIVE102BH.
5.1.2
3.3 V LDO linear regulator
The device integrates a 3.3 V regulator, which supplies the embedded analog front-end (AFE). In addition,
external loads can be connected to the VDD pin, taking care to stay within the operating range. It is
recommended to place a low ESR ceramic capacitor of 4.7 µF 16 V as close as possible to the VDD pin, to
guarantee the stability of the VDD voltage.
The output current of the regulator is limited at IDD,lim, protecting it against short-circuit and overload. The overall
consumption of the external loads plus the AFE must be smaller than this current limitation.
Figure 8. 3.3 V LDO output according to the current load at different REGIN_3V3 input
0
0,5
1
1,5
2
2,5
3
3,5
4
0
5
10
15
20
25
30
35
40
45
Load Current [mA]
REGIN_3V3 > 4 V
REGIN_3V3 = 3.3 V
The regulator is disabled in standby mode in order to reduce the current consumption.
The regulator can be bypassed by connecting the VDD and the REGIN_3V3 pins together and forcing externally a
voltage equal to the target VDD value, and in any case within the operative range of the VDD pin.
The 3.3 V regulator has a dedicated UVLO protection. The UVLO helps to avoid unexpected behavior related to
all the circuitries supplied by the VDD, in particular it avoids spurious events coming from the AFE comparators
and unstable sampling of the TCC and/or IGATE pins.
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 17/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com