Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 38 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 34Page - STMicroelectronics STDRIVE102BH Datasheet HTML 35Page - STMicroelectronics STDRIVE102BH Datasheet HTML 36Page - STMicroelectronics STDRIVE102BH Datasheet HTML 37Page - STMicroelectronics STDRIVE102BH Datasheet HTML 38Page - STMicroelectronics STDRIVE102BH Datasheet HTML 39Page - STMicroelectronics STDRIVE102BH Datasheet HTML 40Page - STMicroelectronics STDRIVE102BH Datasheet HTML 41Page - STMicroelectronics STDRIVE102BH Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
The typical sequence for the supplies is:
VDD UVLO is released (VDD > VDD(On)): the analog voltage on TCC/IGATE is now valid and the AFE is
operative. The internal ADC can acquire the TCC/IGATE configuration, taking approximately 100 µs.
VCC UVLO is released (VCC > VCC(On)): the low-side drivers are operative.
Charge pump UVLO is released (VBOOT - VM > VCPump(On)): the high-side drivers are operative.
Following the release of all the UVLO protections, the nFAULT pin is set high by the external pull-up resistor.
5.8
Standby and wake-up
The standby pin is active low (nSTBY = 0: standby mode, nSTBY = 1: normal mode). The standby mode strongly
reduces the current consumption down to ISTBY. The commutation to standby mode, which takes a tSTBY to be
completed, follows a sequence of steps managed by the internal logic:
1. Before being disabled, all the drivers turn off the external MOSFETs. Then, the VGS of the external MOSFET
is kept low by the internal 100 kΩ pull-down resistor, present on the GHSx/GLSx pins.
2. The AFE is disabled.
3. Both the linear regulators and the charge pump are switched off to reduce current consumption.
4. Open-drain pins are released.
5. The internal logic enters the standby state, and most of its circuitries are disabled.
It is always preferable to force nSTBY = 0 before removing the main supply VS in the turn-off sequence of the
device.
When the nSTBY pin returns high, the device leaves the standby mode following the wake-up sequence:
1. Internal logic is initialized.
2. The linear regulators and the charge pump are turned on.
3. The AFE becomes active.
The device can be considered operative as soon as its supplies (VCC, VDD, and VBOOT) are stable above the
respective UVLO thresholds (nFAULT open-drain released).
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 38/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com