Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 27 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 23Page - STMicroelectronics STDRIVE102BH Datasheet HTML 24Page - STMicroelectronics STDRIVE102BH Datasheet HTML 25Page - STMicroelectronics STDRIVE102BH Datasheet HTML 26Page - STMicroelectronics STDRIVE102BH Datasheet HTML 27Page - STMicroelectronics STDRIVE102BH Datasheet HTML 28Page - STMicroelectronics STDRIVE102BH Datasheet HTML 29Page - STMicroelectronics STDRIVE102BH Datasheet HTML 30Page - STMicroelectronics STDRIVE102BH Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Figure 16. Example of TCC and IGATE pin configuration
VDD
IGATE
GND
30k
STDRIVE102
TCC
15k
30k
7.5k
VDD
5/15
VDD
3/15
TCC level 3
tcc,on =840 ns
tcc,off =420 ns
IGATE level 5
Igate,on =350 mA
Igate,off =700 mA
10nF
10nF
An optional filter capacitor can be added to each pin in order to filter noise injection, which can alter the status of
the configuration pins. The filter capacitor can be chosen as a trade-off between the filtering capability and the
time required for stabilization at startup.
5.2.2
Propagation delays
The propagation delays between the edges of the digital inputs and the actuation of the gate drivers are
represented in Figure 17, Figure 18, and Figure 19.
Figure 17. Propagation delay in enable/input mode, ENx pin high
50%
50%
90%
INx
VGS,LSx
td,off
tcc,off
90%
td,off
tcc,off
VGS,HSx
ENx
10%
10%
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 27/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com