Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 54 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 48Page - STMicroelectronics STDRIVE102BH Datasheet HTML 49Page - STMicroelectronics STDRIVE102BH Datasheet HTML 50Page - STMicroelectronics STDRIVE102BH Datasheet HTML 51Page - STMicroelectronics STDRIVE102BH Datasheet HTML 52Page - STMicroelectronics STDRIVE102BH Datasheet HTML 53Page - STMicroelectronics STDRIVE102BH Datasheet HTML 54Page - STMicroelectronics STDRIVE102BH Datasheet HTML 55Page - STMicroelectronics STDRIVE102BH Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
List of tables
Table 1.
Absolute maximum ratings ............................................................. 4
Table 2.
Recommended operating conditions....................................................... 5
Table 3.
STDRIVE102BH thermal data (VFQFPN 48L, 6x6x1 mm) ........................................ 7
Table 4.
STDRIVE102H thermal data (VFQFPN 40L, 5x5x1 mm) ......................................... 7
Table 5.
ESD protection ratings ................................................................ 7
Table 6.
Electrical characteristics ............................................................... 8
Table 7.
STDRIVE102BH pin list .............................................................. 11
Table 8.
STDRIVE102H pin list ............................................................... 13
Table 9.
Programmable gate current typical values .................................................. 21
Table 10.
Programmable constant-current time (TCC) typical values....................................... 22
Table 11.
Analog levels for TCC and IGATE pins and suggested resistor divider .............................. 23
Table 12.
Truth table for the enable/input mode ..................................................... 23
Table 13.
Truth table for the direct mode .......................................................... 25
Table 14.
Soft-off gate currents (according to the nominal gate current IGATE level) ............................ 32
Table 15.
Soft-off constant-current time (according to the nominal TCC level) ................................ 33
Table 16.
Device protections summary ........................................................... 35
Table 17.
List of components.................................................................. 39
Table 18.
STDRIVE102H list of components ....................................................... 40
Table 19.
VFQFPN 48L 6x6x1 mm, pitch 0.4 mm package mechanical data ................................. 45
Table 20.
VFQFPN 40L 5x5x1 mm, pitch 0.4 package mechanical data .................................... 48
Table 21.
Order code ....................................................................... 50
Table 22.
Document revision history ............................................................. 51
STDRIVE102BH, STDRIVE102H
List of tables
DS14545 - Rev 1
page 54/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com