Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 53 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 48Page - STMicroelectronics STDRIVE102BH Datasheet HTML 49Page - STMicroelectronics STDRIVE102BH Datasheet HTML 50Page - STMicroelectronics STDRIVE102BH Datasheet HTML 51Page - STMicroelectronics STDRIVE102BH Datasheet HTML 52Page - STMicroelectronics STDRIVE102BH Datasheet HTML 53Page - STMicroelectronics STDRIVE102BH Datasheet HTML 54Page - STMicroelectronics STDRIVE102BH Datasheet HTML 55Page - STMicroelectronics STDRIVE102BH Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
7.3
Power supply decoupling capacitors.............................................. 43
8
Package information..............................................................44
8.1
VFQFPN 48L 6x6x1 mm, pitch 0.4 mm package information ......................... 44
8.1.1
Suggested footprint ...................................................... 46
8.2
VFQFPN 40L 5x5x1 mm, pitch 0.4 package information ............................. 47
8.2.1
Suggested footprint ...................................................... 49
9
Ordering information .............................................................50
Revision history .......................................................................51
List of tables ..........................................................................54
List of figures..........................................................................55
STDRIVE102BH, STDRIVE102H
Contents
DS14545 - Rev 1
page 53/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com