Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 40 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 36Page - STMicroelectronics STDRIVE102BH Datasheet HTML 37Page - STMicroelectronics STDRIVE102BH Datasheet HTML 38Page - STMicroelectronics STDRIVE102BH Datasheet HTML 39Page - STMicroelectronics STDRIVE102BH Datasheet HTML 40Page - STMicroelectronics STDRIVE102BH Datasheet HTML 41Page - STMicroelectronics STDRIVE102BH Datasheet HTML 42Page - STMicroelectronics STDRIVE102BH Datasheet HTML 43Page - STMicroelectronics STDRIVE102BH Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Figure 28. STDRIVE102BH typical application example
VDD
GHS1
GHS2
GHS3
GLS1
GLS2
GLS3
RSh
OUT3
OUT2
OUT1
SLS3
SLS2
SLS1
GHSx
OUTx
GLSx
OA_INxP
SLSx
OA_INxN
OA_Ox
nSTBY
INH3/IN3
INH2/IN2
INH1/IN1
INL3/EN3
INL2/EN2
INL1/EN1
x3
x3
VDD
CREF
C_INx
VBOOT
VM
EN
nFAULT
FLAG
VDD
VDD
AGND
GND
VS
VCC
REGIN_3V3
VDD
PCAP
NCAP
VDD
IGATE
TCC
VDD
MCU
Q1
Q4
Q2
Q3
Q5
Q6
VM
VM
CBOOT
CFLY
CVDD
VDD
CVCC
VCC
CLG
CSUPPLY
CBRIDGE
CBULK
Rop
2Rf
Rop
Rcp
Rc1
Rc2
Ccref
RIG1
RIG2
Rtc2
Ctc
CIG
VDSTH
Rvds1
Rvds2
Cvds
REN
CEN
RFLAG
VDD
Rtc1
Motor
x3
x3
x3
x3
x3
x3
STDRIVE102BH
CM
RSh
RSh
2Rf
Rf
To control unit
Ccp
CBRIDGE
CBRIDGE
6.2
3-phase brushless motor application with single shunt current sensing based
on STDRIVE102H
Figure 29 shows an application example using STDRIVE102H to drive a 3-phase motor with single shunt
configuration. The list of components is summarized in Table 18.
Values reported in Table 18 refer to a generic example. The actual components' values must be chosen in order
to fit the specific application requirements. The value of the resistors on the IGATE, TCC and VDSTH pins must
be sized according to the specific power stage. The values of the components connected to the operational
amplifier and the shunt resistor must be sized according to the current rating of the application.
Table 18. STDRIVE102H list of components
Value
CBRIDGE
220 nF (to be tuned according to current rating of the power stage)
CBULK
470 µF (to be tuned according to current rating of the power stage)
CM
1 µF low ESR to be placed close to the driver
Rsh
According to the current rating of the application (for example 2 mΩ)
Rop, Rf
According to op amp gain (for example 1 kΩ, 15 kΩ: Gain = 15)
Rcp
4.7 kΩ
Rc1, Rc2
According to the CREF threshold (for example 100 kΩ, 7.5 kΩ: VCREF = 230 mV)
Ccp
10 nF / 16 V
NTC
10 kΩ at 25 °C
Rn1, Rn2
According to temperature threshold (for example Rn1 = 910 Ω, Rn2 = 120 Ω)
Cn
220 nF
RIG1 , RIG2
1% precision, values according to drivers’ current selection
(for example RIG1 = 30 kΩ, RIG2 = 15 kΩ; see Figure 16)
CIG
10 nF /16 V
STDRIVE102BH, STDRIVE102H
Application examples
DS14545 - Rev 1
page 40/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com