Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 41 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 37Page - STMicroelectronics STDRIVE102BH Datasheet HTML 38Page - STMicroelectronics STDRIVE102BH Datasheet HTML 39Page - STMicroelectronics STDRIVE102BH Datasheet HTML 40Page - STMicroelectronics STDRIVE102BH Datasheet HTML 41Page - STMicroelectronics STDRIVE102BH Datasheet HTML 42Page - STMicroelectronics STDRIVE102BH Datasheet HTML 43Page - STMicroelectronics STDRIVE102BH Datasheet HTML 44Page - STMicroelectronics STDRIVE102BH Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Value
Rtc1, Rtc2
1% precision, values according to tcc timing selection
(for example Rtc1 = 30 kΩ, Rtc2 = 7.5 kΩ ; see Figure 16)
Ctc
10 nF / 16 V
Rvds1 , Rvds2
1% precision, values according to VDS monitoring threshold
(for example Rvds1 = 220 kΩ, Rvds2 = 15 kΩ: VDSTH = 210 mV)
Cvds
10 nF / 16 V
REN , CEN
According to target disable time
(for example 33 kΩ, 47 nF: tdelay,EN ≈ 1.25 ms )
CSUPPLY
1 µF low ESR to be placed close to the driver
CLG
4.7 µF / 16 V
CVCC
4.7 µF / 25 V
CVDD
4.7 µF / 16 V
CBOOT
1 µF / 25 V
CFLY
220 nF (according to VM rating)
Figure 29. STDRIVE102H typical application example
VDD
GHS1
GHS2
GHS3
GLS1
GLS2
GLS3
OUT3
OUT2
OUT1
SLS3
SLS2
SLS1
GHSx
OUTx
GLSx
OA_INP
SLSx
OA_INN
OA_O
nSTBY
INH3/IN3
INH2/IN2
INH1/IN1
INL3/EN3
INL2/EN2
INL1/EN1
x3
VDD
CREF
C_IN1
VBOOT
VM
EN
nFAULT
VDD
AGND
GND
VS
VCC
REGIN_3V3
VDD
PCAP
NCAP
VDD
IGATE
TCC
VDD
MCU
Q1
Q4
Q2
Q3
Q5
Q6
VM
VM
CBOOT
CFLY
CVDD
VDD
CVCC
VCC
CLG
CSUPPLY
CBRIDGE
CBULK
Rop
2Rf
Rop
Rcp
Rc1
Rc2
Ccref
RIG1
RIG2
Rtc2
Ctc
CIG
VDSTH
Rvds1
Rvds2
Cvds
REN
CEN
VDD
Rtc1
Motor
x3
x3
x3
STDRIVE102H
CM
RSh
2Rf
Rf
To control unit
Ccp
C_IN2
VDD
NTC
Rn2
Cn
Rn1
CBRIDGE
CBRIDGE
STDRIVE102BH, STDRIVE102H
Application examples
DS14545 - Rev 1
page 41/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com