Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 2 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 2 Page - STMicroelectronics

  STDRIVE102BH Datasheet HTML 1Page - STMicroelectronics STDRIVE102BH Datasheet HTML 2Page - STMicroelectronics STDRIVE102BH Datasheet HTML 3Page - STMicroelectronics STDRIVE102BH Datasheet HTML 4Page - STMicroelectronics STDRIVE102BH Datasheet HTML 5Page - STMicroelectronics STDRIVE102BH Datasheet HTML 6Page - STMicroelectronics STDRIVE102BH Datasheet HTML 7Page - STMicroelectronics STDRIVE102BH Datasheet HTML 8Page - STMicroelectronics STDRIVE102BH Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
The gate drivers are designed to drive, with a programmable gate current, six external N-channel power
MOSFETs, allowing a superior performance of the power stage and regulating the slew rate of power outputs
without the need of external gate resistors. The different configurations of the drivers can be selected through two
analog pins (IGATE and TCC).
An integrated charge pump supplies the three high-side drivers, enabling unlimited on-time of the high-side
MOSFETs.
An embedded 12 V LDO linear regulator provides the supply of the three low-side drivers and its output is
available on the VCC pin, to also supply external loads.
Another LDO linear regulator provides a 3.3 V on the VDD pin to supply external low-voltage components and the
embedded analog front-end (AFE), which has a different configuration, depending on the device part number: the
STDRIVE102BH integrates three operational amplifiers and three comparators, the STDRIVE102H integrates one
operational amplifier and two comparators. In a typical application, the operational amplifiers can be used to
monitor the voltage across the shunt resistor(s) sensing the current flowing in the motor phases. Concurrently, the
comparators can be used to detect dangerous overcurrent conditions.
A full set of embedded protections is present to increase the overall application robustness: undervoltage lockout
(UVLO) on each supply (VCC, VDD, and charge pump voltage), thermal shutdown, and a VDS monitoring on both
high-side and low-side MOSFETs. In case a protection is triggered, the nFAULT open-drain pin signals the event.
The STDRIVE102BH has another dedicated open-drain pin (FLAG) which indicates whether the gate driver
supply VCC falls below the guard limit. The device integrates a smart shutdown function which allows immediate
turn-off of the outputs of the gate driver in the case of fault, by minimizing the propagation delay between the fault
detection event and the actual output switch-off.
In addition to the main supply pin (VS), the STDRIVE102BH/H has dedicated pin VM, which should be connected
to the motor supply voltage, in correspondence of the drains of the high side N-channel MOSFETs. The VM pin is
used for the integrated VDS monitoring as well as a reference voltage for the charge pump. To increase device’s
flexibility, the VS and VM pin can operate at different voltages.
STDRIVE102BH, STDRIVE102H
DS14545 - Rev 1
page 2/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com