Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102BH Datasheet(PDF) 23 Page - STMicroelectronics

Part # STDRIVE102BH
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102BH Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STDRIVE102BH Datasheet HTML 19Page - STMicroelectronics STDRIVE102BH Datasheet HTML 20Page - STMicroelectronics STDRIVE102BH Datasheet HTML 21Page - STMicroelectronics STDRIVE102BH Datasheet HTML 22Page - STMicroelectronics STDRIVE102BH Datasheet HTML 23Page - STMicroelectronics STDRIVE102BH Datasheet HTML 24Page - STMicroelectronics STDRIVE102BH Datasheet HTML 25Page - STMicroelectronics STDRIVE102BH Datasheet HTML 26Page - STMicroelectronics STDRIVE102BH Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
Table 11. Analog levels for TCC and IGATE pins and suggested resistor divider
ADC level
VDD ratio
R1 suggested value
R2 suggested value
0
GND
No resistor
0 (short to GND)
1
1/15 VDD
105 kΩ
7.5 kΩ
2
2/15 VDD
130 kΩ
20 kΩ
3
3/15 VDD
30 kΩ
7.5 kΩ
4
4/15 VDD
33 kΩ
12 kΩ
5
5/15 VDD
30 kΩ
15 kΩ
6
6/15 VDD
33 kΩ
22 kΩ
7
7/15 VDD
34 kΩ
30 kΩ
8
8/15 VDD
30 kΩ
34 kΩ
9
9/15 VDD
22 kΩ
33 kΩ
10
10/15 VDD
15 kΩ
30 kΩ
11
11/15 VDD
12 kΩ
33 kΩ
12
12/15 VDD
7.5 kΩ
30 kΩ
13
13/15 VDD
20 kΩ
130 kΩ
14
14/15 VDD
7.5 kΩ
105 kΩ
15
VDD
0 (short to VDD)
No resistor
5.2.1.1
Enable/input mode (EN/IN)
When enable/input mode is selected, the six digital inputs are managed as described in Table 12, where x = 1, 2,
3 refers to the half-bridge driven, the digital input INHx/INx is simply indicated as INx and INLx/ENx as ENx. The
half-bridge x is enabled by setting ENx = 1, otherwise when ENx = 0 the half-bridge is left in high impedance.
When enabled, the half-bridge status is determined by the INx input: INx = 0 sets the state low (OUTx at GND),
INx = 1 sets the state high (OUTx = VM). The general EN pin is also reported in Table 12.
Table 12. Truth table for the enable/input mode
EN
ENx
INx
GLSx
GHSx
OUTx
Half-bridge status
0
Do not care
Do not care
All GLSx sink current
All drivers’ status LOW
All the low-side MOSFETs
OFF
All GHSx sink current
All drivers’ status LOW
All the high-side MOSFETs
OFF
All three phases are
in high impedance
1
0
Do not care
GLSx sink current
Driver x status LOW
Low-side MOSFET x OFF
GHSx sink current
Driver x status LOW
High-side MOSFET x OFF
OUTx in high
impedance
1
1
0
GLSx source current
Driver x status HIGH
Low-side MOSFET x ON
GHSx sink current
Driver x status LOW
High-side MOSFET x OFF
OUTx at GND
1
1
1
GLSx sink current
Driver x status LOW
Low-side MOSFET x OFF
GHSx source current
Driver x status HIGH
High-side MOSFET x ON
OUTx at VM
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 23/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com