Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1345 Datasheet (PDF) - Adafruit Industries

1345 Datasheet PDF - Adafruit Industries
Part # 1345
Download  1345 Download
File Size   268.52 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description TV Microscope - 25x & 400x magnification / 8 LEDs

1345 Datasheet (PDF)

Go To PDF Page Download Datasheet
1345 Datasheet PDF - Adafruit Industries

Part # 1345
Download  1345 Click to download

File Size   268.52 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description TV Microscope - 25x & 400x magnification / 8 LEDs

1345 Datasheet (HTML) - Adafruit Industries


1345 Product details

o Image Sensor: 1.3 megapixel w/high-speed DSP
o 25x or 400x axis micro-lens
o Adjustable focal length, from 10mm-50mm
o Video rate of 30f/s at a brightness of 600 lux
o Flicker control for 50Hz/60Hz
o 8 white LED light, 40000mLux
o 5V adapter 5.5mm/2.1mm jack powered
o Size: 112mm long x 33mm diameter




Similar Part No. - 1345

ManufacturerPart #DatasheetDescription
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
1345-Type Receiver with Clock Recovery and Data Retiming
January 2000
logo
3M Electronics
1345 3M-1345 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
1345 HEYCO-1345 Datasheet
130Kb / 1P
Strain Relief Mounting Hole Punches
logo
Vicor Corporation
13450 VICOR-13450 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
13450-01 VICOR-13450-01 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
More results


Similar Description - 1345

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
FO125 OSRAM-FO125 Datasheet
40Kb / 2P
Product Information Bulletin Microscope LV Lamps Low Voltage Tungsten Halogen Lamps (Microscope)
logo
Extech Instruments Corp...
MC108 EXTECH-MC108 Datasheet
671Kb / 9P
Mini Microscope
logo
Transcend Information. ...
TS16GCF400 TRANSCEND-TS16GCF400 Datasheet
2Mb / 88P
400X CompactFlash Card
logo
Extech Instruments Corp...
MC108 EXTECH-MC108_15 Datasheet
166Kb / 1P
Digital Mini Microscope
logo
Molex Electronics Ltd.
0638002810 MOLEX11-0638002810 Datasheet
26Kb / 1P
Eye Loupe, 10X magnification
logo
Rosenberger Hochfrequen...
98W010-000 ROSENBERGER-98W010-000 Datasheet
41Kb / 1P
Microscope Adapter RDC male
logo
PHOENIX CONTACT
5032332 PHOENIX-5032332 Datasheet
84Kb / 3P
BMKL 25X 8 WH
logo
Molex Electronics Ltd.
0638002810 MOLEX-0638002810 Datasheet
27Kb / 1P
Eye Loupe, 10X magnification
11/02/2021
logo
Aven, Inc.
26700-220-505 AVEN-26700-220-505 Datasheet
1Mb / 2P
All-In-One Digital Microscope 8x-25x w/ Dual Gooseneck LEDs and Back Light
26700-423 AVEN-26700-423 Datasheet
1Mb / 1P
Digital Microscope w/ Standard Stand
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com