Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1345 Datasheet (PDF) - Agere Systems

1345 Datasheet PDF - Agere Systems
Part # 1345
Download  1345 Download
File Size   98.39 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 1345-Type Receiver with Clock Recovery and Data Retiming

1345 Datasheet (PDF)

Go To PDF Page Download Datasheet
1345 Datasheet PDF - Agere Systems

Part # 1345
Download  1345 Click to download

File Size   98.39 Kbytes
Page   12 Pages
Manufacturer  AGERE [Agere Systems]
Direct Link  
Logo AGERE - Agere Systems
Description 1345-Type Receiver with Clock Recovery and Data Retiming

1345 Datasheet (HTML) - Agere Systems


1345 Product details

Description

The 1345-Type fiber-optic receiver is designed for use in transmission systems or medium- to high speed data communication applications. Used in intermediate- and long-reach applications, the receiver operates at the SONET OC-3 or OC-12 data rate as well as the ITU-T synchronous digital hierarchy (SDH) rate of STM-1 or STM-4, depending on the receiver model chosen. The receiver meets all present Telcordia Technologies GR-253-CORE requirements, the current ANSI T1X1.5 intraoffice specifications, and the ITU-T G.957 and G.958 recommendations. Compact packaging, a high level of integration, and a wide dynamic range make these

receivers ideal for data communications.



Features

■ Backward compatible with 1330 family

■ Space-saving, self-contained, 20-pin plastic DIP

■ Silicon based ICs

■ Single 5 V power supply operation including photocurrent monitor capability

■ Exceeds all SONET (GR-253-CORE) and ITU-T G.958 jitter requirements

■ Clocked decision circuit

■ Regenerated differential clock signal

■ Wide dynamic range

■ Qualified to meet the intent of Telcordia Technologies™ reliability practices

■ Operates at data rates of 155 Mbits/s or 622 Mbits/s

■ Positive ECL (PECL) data outputs

■ CMOS (TTL) link-status flag output

■ Operation at 1.3 µm or 1.55 µm wavelengths

■ Operating temperature range of –40 °C to +85 °C




Similar Part No. - 1345

ManufacturerPart #DatasheetDescription
logo
3M Electronics
1345 3M-1345 Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Heyco.
1345 HEYCO-1345 Datasheet
130Kb / 1P
Strain Relief Mounting Hole Punches
logo
Adafruit Industries
1345 ADAFRUIT-1345 Datasheet
268Kb / 2P
TV Microscope - 25x & 400x magnification / 8 LEDs
6-8-17
logo
Vicor Corporation
13450 VICOR-13450 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
13450-01 VICOR-13450-01 Datasheet
33Kb / 1P
CAPACITOR, ALEL, RADIAL, 120uF, -20%, 100V
More results


Similar Description - 1345

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD800 AD-AD800 Datasheet
253Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV.B
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Maxim Integrated Produc...
MAX3676 MAXIM-MAX3676 Datasheet
181Kb / 16P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
19-1537; Rev 0; 7/99
MAX3676 MAXIM-MAX3676_09 Datasheet
274Kb / 15P
622Mbps, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
Rev 4; 3/09
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD800 AD-AD800_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
More results




About Agere Systems


Agere Systems was a semiconductor company that specialized in providing integrated circuits (ICs) for telecommunications and storage applications. The company was founded in 2000 as a spin-off from Lucent Technologies, and was headquartered in Allentown, Pennsylvania, USA.

Agere Systems' product portfolio included ICs for wireless communication, networking, and storage applications. These products were used in a wide range of devices, including mobile phones, routers, switches, and data storage devices.

Agere Systems was known for its innovation and expertise in advanced semiconductor technologies, such as copper-based interconnects and silicon germanium (SiGe) technology. The company also had a strong focus on research and development, and held numerous patents in semiconductor design and manufacturing.

In 2005, Agere Systems was acquired by LSI Corporation, which later became part of Avago Technologies. Today, the technology and products developed by Agere Systems continue to be used in a variety of telecommunications and storage applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com