Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD800 Datasheet (PDF) - Analog Devices

AD800 Datasheet PDF - Analog Devices
Part # AD800
Download  AD800 Download
File Size   253.41 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Clock Recovery and Data Retiming Phase-Locked Loop

AD800 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD800 Datasheet PDF - Analog Devices

Part # AD800
Download  AD800 Click to download

File Size   253.41 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Clock Recovery and Data Retiming Phase-Locked Loop

AD800 Datasheet (HTML) - Analog Devices


AD800 Product details

PRODUCT DESCRIPTION
The AD800 and AD802 employ a second order phase-locked loop architecture to perform clock recovery and data retiming on Non-Return to Zero, NRZ, data. This architecture is capable of supporting data rates between 20 Mbps and 160 Mbps. The products described here have been defined to work with standard telecommunications bit rates. 45 Mbps DS-3 and 52 Mbps STS-1 are supported by the AD800-45 and AD800-52 respectively. 155 Mbps STS-3 or STM-1 are supported by the AD802-155.
Unlike other PLL-based clock recovery circuits, these devices do not require a preamble or an external VCXO to lock onto input data. The circuit acquires frequency and phase lock using two control loops. The frequency acquisition control loop initially acquires the clock frequency of the input data. The phase-lock loop then acquires the phase of the input data, and ensures that the phase of the output signals track changes in the phase of the input data. The loop damping of the circuit is dependent on the value of a user selected capacitor; this defines jitter peaking performance and impacts acquisition time. The devices exhibit 0.08 dB jitter peaking, and acquire lock on random or scrambled data within 4 × 105 bit periods when using a damping factor of 5.

FEATURES
   Standard Products
      44.736 Mbps—DS-3
      51.84 Mbps—STS-1
      155.52 Mbps—STS-3 or STM-1
   Accepts NRZ Data, No Preamble Required
   Recovered Clock and Retimed Data Outputs
   Phase-Locked Loop Type Clock Recovery—No Crystal Required
   Random Jitter: 208 Peak-to-Peak
   Pattern Jitter: Virtually Eliminated
   10KH ECL Compatible
   Single Supply Operation: –5.2 V or +5 V
   Wide Operating Temperature Range: –408C to +858C




Similar Part No. - AD800

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
AD800-10TO SENSORTECHNICS-AD800-10TO Datasheet
307Kb / 2P
800 關m active area
AD800-11TO SENSORTECHNICS-AD800-11TO Datasheet
408Kb / 2P
800 關m active area
AD800-8TO SENSORTECHNICS-AD800-8TO Datasheet
405Kb / 2P
APD with 0.5 mm짼 active area
AD800-9TO SENSORTECHNICS-AD800-9TO Datasheet
202Kb / 2P
APD with 0.5 mm짼 active area
logo
Analog Devices
AD8000 AD-AD8000 Datasheet
525Kb / 20P
1.5 GHz Ultrahigh Speed Op Amp
Jan-2005
More results


Similar Description - AD800

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
logo
Analog Devices
AD805 AD-AD805 Datasheet
318Kb / 12P
DATA RETIMING PHASE LOCKED LOOP
REV.0
logo
Pericom Semiconductor C...
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
Phase-Locked Loop Clock Generator
logo
Analog Devices
AD805 AD-AD805_15 Datasheet
324Kb / 12P
Data Retiming Phase-Locked Loop
REV. 0
AD800 AD-AD800_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com