Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD800 Datasheet(PDF) 2 Page - Analog Devices

Part # AD800
Description  Clock Recovery and Data Retiming Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD800 Datasheet(HTML) 2 Page - Analog Devices

  AD800 Datasheet HTML 1Page - Analog Devices AD800 Datasheet HTML 2Page - Analog Devices AD800 Datasheet HTML 3Page - Analog Devices AD800 Datasheet HTML 4Page - Analog Devices AD800 Datasheet HTML 5Page - Analog Devices AD800 Datasheet HTML 6Page - Analog Devices AD800 Datasheet HTML 7Page - Analog Devices AD800 Datasheet HTML 8Page - Analog Devices AD800 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
AD800/AD802–SPECIFICATIONS
(VEE = VMIN to VMAX, VCC = GND, TA = TMIN to TMAX, Loop Damping
Factor = 5, unless otherwise noted)
AD800-45BQ
AD800-52BR
AD802-155KR/BR
Parameter
1
Condition
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
NOMINAL CENTER FREQUENCY
44.736
51.84
155.52
MHz
OPERATING TEMPERATURE
K Grade
0
70
°C
RANGE (TMIN to TMAX)
B Grade
–40
85
–40
85
–40
85
°C
TRACKING RANGE
43
45.5
49
53
155
156
Mbps
CAPTURE RANGE
43
45.5
49
53
155
156
Mbps
STATIC PHASE ERROR
ρ = 1, T
A = +25°C,
VEE = –5.2 V
2
10
2
10
14
30
Degrees
ρ = 1
3
11.5
3
11.5
18
37
Degrees
RECOVERED CLOCK SKEW
tRCS (Figure 1)
0.2
0.6
1
0.2
0.6
1
0.2
0.8
1
ns
SETUP TIME
tSU (Figure 1)
2.06
2.37
ns
TRANSITIONLESS DATA RUN
240
240
240
Bit Periods
OUTPUT JITTER
ρ = 1
2
2
3.5
Degrees rms
2
7–1 PRN Sequence
2.5
4.7
2.5
4.7
5.4
9.7
Degrees rms
2
23–1 PRN Sequence
2.5
4.7
2.5
4.7
5.4
9.7
Degrees rms
JITTER TOLERANCE
f = 10 Hz
2,500
2,500
3,000
Unit Intervals
f = 2.3 kHz
6.5
Unit Intervals
f = 30 kHz
0.47
Unit Intervals
f = 1 MHz
0.47
Unit Intervals
f = 30 Hz
830
Unit Intervals
f = 300 Hz
83
Unit Intervals
f = 2 kHz
7.4
Unit Intervals
f = 20 kHz
0.47
Unit Intervals
f = 6.5 kHz
2.0
7.6
Unit Intervals
f = 65 kHz
0.26
0.9
Unit Intervals
JITTER TRANSFER
Damping Factor
Capacitor, CD
ζ = 1, Nominal
8.2
6.8
2.2
nF
ζ = 5, Nominal
0.22
0.15
0.047
µF
ζ = 10, Nominal
0.82
0.68
0.22
µF
Peaking
ζ = 1, Nominal
TA = +25°C, VEE = –5.2 V
2
2
2
dB
ζ = 5, Nominal
TA = +25°C, VEE = –5.2 V
0.08
0.08
0.08
dB
ζ = 10, Nominal
TA = +25°C, VEE = –5.2 V
0.02
0.02
0.02
dB
Bandwidth
45
52
130
kHz
ACQUISITION TIME
ρ = 1/2
ζ = 1
1
× 104
1
× 104
1.5
× 104
Bit Periods
TA = +25°C
ζ = 5
3
× 105 8 × 105
3
× 105 8 × 105
4
× 105 8 × 105 Bit Periods
VEE = –5.2 V
ζ = 10
8
× 105
8
× 105
1.4
× 106
Bit Periods
POWER SUPPLY
Voltage (VMIN to VMAX)TA = +25°C
–4.5
–5.2
–5.5
–4.5
–5.2
–5.5
–4.5
–5.2
–5.5
Volts
Current
TA = +25°C, VEE = –5.2 V
125
170
125
170
140
180
mA
180
180
205
mA
INPUT VOLTAGE LEVELS
TA = +25°C
Input Logic High, VIH
–1.084
–0.72
–1.084
–0.72
–1.084
–0.72
Volts
Input Logic Low, VIH
–1.95
–1.594
–1.95
–1.594
–1.95
–1.594
Volts
OUTPUT VOLTAGE LEVELS
TA = +25°C
Output Logic High, VOH
–1.084
–0.72
–1.084
–0.72
–1.084
–0.72
Volts
Output Logic Low, VOL
–1.95
–1.60
–1.95
–1.60
–1.95
–1.60
Volts
INPUT CURRENT LEVELS
TA = +25°C
Input Logic High, IIH
125
125
125
µA
Input Logic Low, IIL
80
80
80
µA
OUTPUT SLEW TIMES
TA = +25°C
Rise Time (tR)
20%–80%
0.75
1.5
0.75
1.5
0.75
1.5
ns
Fall Time (tF)
80%–20%
0.75
1.5
0.75
1.5
0.75
1.5
ns
SYMMETRY
ρ = 1/2, T
A = +25°C
Recovered Clock Output
VEE = –5.2 V
45
55
45
55
45
55
%
NOTES
1Refer to Glossary for parameter definition.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com