Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD800 Datasheet(PDF) 4 Page - Analog Devices

Part # AD800
Description  Clock Recovery and Data Retiming Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD800 Datasheet(HTML) 4 Page - Analog Devices

  AD800 Datasheet HTML 1Page - Analog Devices AD800 Datasheet HTML 2Page - Analog Devices AD800 Datasheet HTML 3Page - Analog Devices AD800 Datasheet HTML 4Page - Analog Devices AD800 Datasheet HTML 5Page - Analog Devices AD800 Datasheet HTML 6Page - Analog Devices AD800 Datasheet HTML 7Page - Analog Devices AD800 Datasheet HTML 8Page - Analog Devices AD800 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD800/AD802
REV. B
–4–
The PLL must provide a clock signal which tracks this phase
modulation in order to accurately retime jittered data. In order
for the VCO output to have a phase modulation which tracks
the input jitter, some modulation signal must be generated at
the output of the phase detector (see Figure 21). The
modulation output from the phase detector can only be
produced by a phase error between the data input and the clock
input. Hence, the PLL can never perfectly track jittered data.
However, the magnitude of the phase error depends on the gain
around the loop. At low frequencies the integrator provides very
high gain, and thus very large jitter can be tracked with small
phase errors between input data and recovered clock. At
frequencies closer to the loop bandwidth, the gain of the
integrator is much smaller, and thus less input jitter can be
tolerated. The PLL data output will have a bit error rate less
than 1
10
–10 when in lock and retiming input data that has the
specified jitter applied to it.
Jitter Transfer
The PLL exhibits a low-pass filter response to jitter applied to
its input data.
Bandwidth
This describes the frequency at which the PLL attenuates
sinusoidal input jitter by 3 dB.
Peaking
This describes the maximum jitter gain of the PLL in dB.
Damping Factor,
ζ describes how the PLL will track an input signal with a phase
step. A greater value of
ζ corresponds to less overshoot in the
PLL response to a phase step.
ζ is a standard constant in second
order feedback systems.
Acquisition Time
This is the transient time, measured in bit periods, required for
the PLL to lock on input data from its free-running state.
Symmetry
Symmetry is calculated as (100
on time)/period, where on
time equals the time that the clock signal is greater than the
midpoint between its “0” level and its “1” level.
Bit Error Rate vs. Signal-to-Noise Ratio
The AD800 and AD802 were designed to operate with standard
ECL signal levels at the data input. Although not recom-
mended, smaller input signals are tolerable. Figure 8, 14, and
20 show the bit error rate performance versus input signal-to-
noise ratio for input signal amplitudes of full 900 mV ECL, and
decreased amplitudes of 80 mV and 20 mV. Wideband ampli-
tude noise is summed with the data signals as shown in Figure
2. The full ECL and 80 mV signals give virtually indistinguish-
able results. The 20 mV signals also provide adequate perfor-
mance when in lock, but signal acquisition may be impaired.
∑
POWER
COMBINER
∑
0.47
µF
50
Ω
50
Ω
0.47
µF
POWER
COMBINER
75
Ω
1.0
µF
180
Ω
POWER
SPLITTER
FILTER
NOISE
SOURCE
100MHz – AD802-155
33MHz – AD800-52
GND
–5.2V
D.U.T.
AD800/AD802
DATA IN
DATA IN
DIFFERENTIAL
SIGNAL
SOURCE
Figure 2. Bit Error Rate vs. Signal-to-Noise Ratio Test:
Block Diagram
USING THE AD800 AND THE AD802 SERIES
Ground Planes
Use of one ground plane for connections to both analog and
digital grounds is recommended. Output signal sensitivity to
power supply noise (PECL configuration, Figure 22) is less
using one ground plane than when using separate analog and
digital ground planes.
Power Supply Connections
Use of a 10
µF tantalum capacitor between V
EE and ground is
recommended.
Use of 0.1
µF ceramic capacitors between IC power supply or
substrate pins and ground is recommended. Power supply
decoupling should take place as close to the IC as possible.
Refer to schematics, Figure 22 and Figure 26, for advised
connections.
Sensitivity of IC output signals (PECL configuration,
Figure 22) to high frequency power supply noise (at 2
the
nominal data rate) can be reduced through the connection of
signals AVCC and VCC1, and the addition of a bypass network.
The type of bypass network to consider depends on the noise
tolerance required. The more complex bypass network schemes
tolerate greater power supply noise levels. Refer to Figures 23
and 24 for bypassing schemes and power supply sensitivity
curves.
Transmission Lines
Use of 50
Ω transmission lines are recommended for DATAIN,
CLKOUT, DATAOUT, and FRAC signals.
Terminations
Termination resistors should be used for DATAIN, CLKOUT,
DATAOUT, and FRAC signals. Metal, thick film, 1% tolerance
resistors are recommended. Termination resistors for the
DATAIN signals should be placed as close as possible to the
DATAIN pins.
Connections from VEE to lead resistors for DATAIN, DATA-
OUT, FRAC, and CLKOUT signals should be individual, not
daisy chained. This will avoid crosstalk on these signals.
Loop Damping Capacitor, CD
A ceramic capacitor may be used for the loop damping
capacitor.
Input Buffer
Use of an input buffer, such as a 10H116 Line Receiver IC, is
suggested for an application where the DATAIN signals do not
come directly from an ECL gate, or where noise immunity on
the DATAIN signals is an issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com