Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD805 Datasheet (PDF) - Analog Devices

AD805 Datasheet PDF - Analog Devices
Part # AD805
Download  AD805 Download
File Size   318.83 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DATA RETIMING PHASE LOCKED LOOP

AD805 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD805 Datasheet PDF - Analog Devices

Part # AD805
Download  AD805 Click to download

File Size   318.83 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description DATA RETIMING PHASE LOCKED LOOP

AD805 Datasheet (HTML) - Analog Devices


AD805 Product details

PRODUCT DESCRIPTION

The AD805 is a data retiming phase-locked loop designed for use with a Voltage-Controlled Crystal Oscillator (VCXO) to perform clock recovery and data retiming on Nonreturn to Zero (NRZ) data. The circuit provides clock recovery and data retiming on standard telecommunications STS-3 or STM-1 data (155.52 Mbps). A Vectron C0-434Y Series VCXO circuit is used with the AD805 for specification purposes. Similar circuit performance can be obtained using other commercially available VCXO circuits. The AD805-VCXO circuit used for clock recovery and data retiming can also be used for large factor frequency multiplication.



FEATURES

  155 Mbps Clock Recovery and Data Retiming

  Permits CCITT G.958 Type A Jitter Tolerance

  Permits CCITT G.958 Type B Jitter Transfer

  Random Jitter: 0.68 rms

  Pattern Jitter: Virtually Eliminated

  Jitter Peaking: Fundamentally None

  Acquisition: 30 Bit Periods

  Accepts NRZ Data without Preamble

  Single Supply Operation: –5.2 V or +5 V

  10 KH ECL Compatible



 




Similar Part No. - AD805

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8051 AD-AD8051 Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
AD8051 AD-AD8051 Datasheet
502Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. G
AD8051 AD-AD8051 Datasheet
561Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. H
AD8051 AD-AD8051 Datasheet
741Kb / 24P
Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. K
AD8051AR AD-AD8051AR Datasheet
267Kb / 16P
Low Cost, High Speed Rail-to-Rail Amplifiers
REV.B
More results


Similar Description - AD805

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Analog Devices
AD800 AD-AD800 Datasheet
253Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV.B
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
logo
Analog Devices
AD805 AD-AD805_15 Datasheet
324Kb / 12P
Data Retiming Phase-Locked Loop
REV. 0
AD800 AD-AD800_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com