Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD807 Datasheet (PDF) - Analog Devices

AD807 Datasheet PDF - Analog Devices
Part # AD807
Download  AD807 Download
File Size   226.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming

AD807 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD807 Datasheet PDF - Analog Devices

Part # AD807
Download  AD807 Click to download

File Size   226.08 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming

AD807 Datasheet (HTML) - Analog Devices


AD807 Product details

PRODUCT DESCRIPTION
The AD807 provides the receiver functions of data quantization, signal level detect, clock recovery and data retiming for 155 Mbps NRZ data. The device, together with a PIN diode/preamplifier combination, can be used for a highly integrated, low cost, low power SONET OC-3 or SDH STM-1 fiber optic receiver.

FEATURES
    Meets CCITT G.958 Requirements for STM-1 Regenerator—Type A
    Meets Bellcore TR-NWT-000253 Requirements for OC-3
    Output Jitter: 2.0 Degrees RMS
    155 Mbps Clock Recovery and Data Retiming
    Accepts NRZ Data, No Preamble Required
    Phase-Locked Loop Type Clock Recovery—No Crystal Required
    Quantizer Sensitivity: 2 mV
    Level Detect Range: 2.0 mV to 30 mV
    Single Supply Operation: +5 V or –5.2 V
    Low Power: 170 mW
    10 KH ECL/PECL Compatible Output
    Package: 16-Lead Narrow 150 mil SOIC




Similar Part No. - AD807

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807 Datasheet
471Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD8072 AD-AD8072 Datasheet
167Kb / 11P
Low Cost, Dual/Triple Video Amplifiers
REV.A
AD8072 AD-AD8072 Datasheet
180Kb / 12P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072 Datasheet
369Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
AD8072 AD-AD8072 Datasheet
402Kb / 13P
Low Cost, Dual/Triple Video Amplifiers
REV. D
More results


Similar Description - AD807

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD800 AD-AD800 Datasheet
253Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV.B
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
1345-Type Receiver with Clock Recovery and Data Retiming
January 2000
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
logo
Infineon Technologies A...
FOA3251B1 INFINEON-FOA3251B1 Datasheet
600Kb / 25P
High Speed Clock and Data Recovery for Fiber Optic Applications
V1.0, Aug. 1999
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD800 AD-AD800_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com