Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD807 Datasheet(PDF) 3 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 3 Page - Analog Devices

  AD807 Datasheet HTML 1Page - Analog Devices AD807 Datasheet HTML 2Page - Analog Devices AD807 Datasheet HTML 3Page - Analog Devices AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD807
REV. A
–3–
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +12 V
Input Voltage (Pin 12 or Pin 13) . . . . . . . . . . . . . . VCC + 0.6 V
Maximum Junction Temperature . . . . . . . . . . . . . . . . . +165
°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . +300
°C
ESD Rating (Human Body Model) . . . . . . . . . . . . . . . . . 500 V
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
Thermal Characteristics:
16-Pin Narrow Body SOIC Package:
θ
JA = 110°C/Watt.
NOISE
OFFSET
OVERDRIVE
SENSITIVITY
INPUT (V)
OUTPUT
1
0
Figure 1. Input Sensitivity, Input Overdrive
DATAOUTP
(PIN 2)
CLKOUTP
(PIN 5)
t
SU
t
H
SETUP
HOLD
Figure 2. Setup and Hold Time
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Description
1
DATAOUTN
Differential Retimed Data Output
2
DATAOUTP
Differential Retimed Data Output
3VCC2
Digital VCC for ECL Outputs
4
CLKOUTN
Differential Recovered Clock Output
5
CLKOUTP
Differential Recovered Clock Output
6VCC1
Digital VCC for Internal Logic
7
CF1
Loop Damping Capacitor
8
CF2
Loop Damping Capacitor
9AVEE
Analog VEE
10
THRADJ
Level Detect Threshold Adjust
11
AVCC1
Analog VCC for PLL
12
NIN
Quantizer Differential Input
13
PIN
Quantizer Differential Input
14
AVCC2
Analog VCC for Quantizer
15
SDOUT
Signal Detect Output
16
VEE
Digital VEE for Internal Logic
PIN CONFIGURATION
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
VEE
SDOUT
AVCC2
PIN
NIN
AVCC1
THRADJ
AVEE
TOP VIEW
(NOT TO SCALE)
DATAOUTN
DATAOUTP
CLKOUTN
CLKOUTP
VCC1
CF1
CF2
VCC2
AD807
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD807-155BR or AD807A-155BR
–40
°C to +85°C
16-Pin Narrowbody SOIC
R-16A
AD807-155BR-REEL7 or AD807A-155BRRL7
–40
°C to +85°C
750 Pieces, 7" Reel
R-16A
AD807-155BR-REEL or AD807A-155BRRL
–40
°C to +85°C
2500 Pieces, 13" Reel
R-16A
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD807 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com