Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD807 Datasheet(PDF) 4 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 4 Page - Analog Devices

  AD807 Datasheet HTML 1Page - Analog Devices AD807 Datasheet HTML 2Page - Analog Devices AD807 Datasheet HTML 3Page - Analog Devices AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. A
–4–
AD807
DEFINITION OF TERMS
Maximum, Minimum and Typical Specifications
Specifications for every parameter are derived from statistical
analyses of data taken on multiple devices from multiple wafer
lots. Typical specifications are the mean of the distribution of
the data for that parameter. If a parameter has a maximum (or a
minimum), that value is calculated by adding to (or subtracting
from) the mean six times the standard deviation of the distribu-
tion. This procedure is intended to tolerate production varia-
tions: if the mean shifts by 1.5 standard deviations, the remaining
4.5 standard deviations still provide a failure rate of only 3.4 parts
per million. For all tested parameters, the test limits are guard-
banded to account for tester variation to thus guarantee that no
device is shipped outside of data sheet specifications.
Input Sensitivity and Input Overdrive
Sensitivity and Overdrive specifications for the Quantizer in-
volve offset voltage, gain and noise. The relationship between
the logic output of the quantizer and the analog voltage input is
shown in Figure 1.
For sufficiently large positive input voltage the output is always
Logic 1 and similarly, for negative inputs, the output is always
Logic 0. However, the transitions between output Logic Levels
1 and 0 are not at precisely defined input voltage levels, but oc-
cur over a range of input voltages. Within this Zone of Confu-
sion, the output may be either 1 or 0, or it may even fail to attain
a valid logic state. The width of this zone is determined by the
input voltage noise of the quantizer (650
µV at the 1 × 10–10
confidence level). The center of the Zone of Confusion is the
quantizer input offset voltage (
±500 µV maximum). Input Over-
drive is the magnitude of signal required to guarantee correct
logic level with 1
× 10–10 confidence level.
With a single-ended PIN-TIA (Figure 3), ac coupling is used
and the inputs to the Quantizer are dc biased at some common-
mode potential. Observing the Quantizer input with an oscillo-
scope probe at the point indicated shows a binary signal with
average value equal to the common-mode potential and instan-
taneous values both above and below the average value. It is
convenient to measure the peak-to-peak amplitude of this signal
and call the minimum required value the Quantizer Sensitivity.
Referring to Figure 1, since both positive and negative offsets
need to be accommodated, the Sensitivity is twice the Over-
drive. The AD807 Quantizer has 2 mV Sensitivity.
With a differential TIA (Figure 3), Sensitivity seems to improve
from observing the Quantizer input with an oscilloscope probe.
This is an illusion caused by the use of a single-ended probe. A
1 mV peak-to-peak signal appears to drive the AD807 Quan-
tizer. However, the single-ended probe measures only half the
signal. The true Quantizer input signal is twice this value since
the other Quantizer input is a complementary signal to the sig-
nal being observed.
Response Time
Response time is the delay between removal of the input signal
and indication of Loss of Signal (LOS) at SDOUT. The re-
sponse time of the AD807 (1.5
µs maximum) is much faster
than the SONET/SDH requirement (3
µs ≤ response time ≤
100
µs). In practice, the time constant of the ac coupling at the
Quantizer input determines the LOS response time.
Nominal Center Frequency
This is the frequency at which the VCO will oscillate with the
loop damping capacitor, CD, shorted.
Tracking Range
This is the range of input data rates over which the AD807 will
remain in lock.
Capture Range
This is the range of input data rates over which the AD807 will
acquire lock.
Static Phase Error
This is the steady-state phase difference, in degrees, between the
recovered clock sampling edge and the optimum sampling in-
stant, which is assumed to be halfway between the rising and
falling edges of a data bit. Gate delays between the signals that
define static phase error, and IC input and output signals pro-
hibit direct measurement of static phase error.
Data Transition Density,
ρ
This is a measure of the number of data transitions, from “0” to
“1” and from “1” to “0,” over many clock periods.
ρ is the ratio
(0
≤ ρ ≤ 1) of data transitions to bit periods.
Jitter
This is the dynamic displacement of digital signal edges from
their long term average positions, measured in degrees rms or
Unit Intervals (UI). Jitter on the input data can cause dynamic
phase errors on the recovered clock sampling edge. Jitter on the
recovered clock causes jitter on the retimed data.
Output Jitter
This is the jitter on the retimed data, in degrees rms, due to a
specific pattern or some pseudorandom input data sequence
(PRN Sequence).
Jitter Tolerance
Jitter Tolerance is a measure of the AD807’s ability to track a
jittery input data signal. Jitter on the input data is best thought
of as phase modulation, and is usually specified in unit intervals.
The PLL must provide a clock signal that tracks the phase
modulation in order to accurately retime jittered data. In order
for the VCO output to have a phase modulation that tracks the
input jitter, some modulation signal must be generated at the
output of the phase detector. The modulation output from the
phase detector can only be produced by a phase error between
its data input and its clock input. Hence, the PLL can never
perfectly track jittered data. However, the magnitude of the
phase error depends on the gain around the loop. At low fre-
quencies, the integrator of the AD807 PLL provides very high
gain, and thus very large jitter can be tracked with small phase
errors between input data and recovered clock. At frequencies
closer to the loop bandwidth, the gain of the integrator is much
smaller, and thus less input jitter can be tolerated. The AD807
output will have a bit error rate less than 1
× 10–10 when in lock
and retiming input data that has the CCITT G.958 specified
jitter applied to it.
Jitter Transfer (Refer to Figure 20)
The AD807 exhibits a low-pass filter response to jitter applied
to its input data.
Bandwidth
This describes the frequency at which the AD807 attenuates
sinusoidal input jitter by 3 dB.
Peaking
This describes the maximum jitter gain of the AD807 in dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com