Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD807 Datasheet(PDF) 11 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices AD807 Datasheet HTML 10Page - Analog Devices AD807 Datasheet HTML 11Page - Analog Devices AD807 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD807
REV. A
–11–
C12 0.1
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
VEE
SDOUT
AVCC2
PIN
NIN
AVCC1
THRADJ
AVEE
AD807
R10
154
R9
154
R6 100
C7 0.1µF
R5 100
R1
100
R2
100
C1 0.1µF
C2
0.1µF
C3
0.1µF
C4
0.1µF
C6
0.1µF
R4
100
R8 100
R7 100
R3
100
C8
R12
150
R11
150
C5
0.1µF
CD
0.1µF
C11 0.1
R13
THRADJ
C10
0.1
R14
47
R15
47
+5V
DATAOUTN
DATAOUTP
VCC2
CLKOUTN
CLKOUTP
VCC1
CF1
CF2
J1
J2
J3
J4
SDOUT
R16
330
R17
3.9k
C13
0.1
C9 10
30pF
30pF
C14
0.1
EPITAXX
ERM504
1µF
1
2
3
PIN TIA
NOTE
PIN TIA PIN 4 (CASE)
IS CONNECTED TO
GROUND
NOISE FILTER
0.1µF
120nH
Figure 26. AD807 Application with Epitaxx PIN—Transimpedance Amplifier Module
The entire circuit was enclosed in a shielded box. Table I sum-
marizes results of tests performed using a 223-1 PRN Sequence,
and varying the average power at the PIN diode.
The circuit acquires and maintains lock with an average input
power as low as –39.25 dBm.
Table II. AD807—Epitaxx ERM504 PIN TIA 155 Mbps
Fiber Optic Receiver Circuit:
Output Bit Error Rate & Output Jitter vs. Average Input Power
Average Optical
Input Power
Output Bit
Output Jitter
(dBm)
Error Rate
(ps rms)
0
0.0
× 10–10
29
–3
0.0
× 10–10
35
–10
0.0
× 10–10
40
–20
0.0
× 10–10
37
–30
0.0
× 10–10
33
–32
0.0
× 10–10
35
–34
0.0
× 10–10
36
–35
0.0
× 10–10
39
–35.5
0.0
× 10–10
40
–36
0.0
× 10–10
41
–37.0
0.0
× 10–10
42
–37.6
0.5
× 10–10
43
–38.0
4
× 10–6
50
SONET (OC-3)/SDH (STM-1) Fiber Optic Receiver Circuit
A light wave receiver circuit for SONET/SDH application at
155 Mbps is shown in Figure 26, with test results given in Table
II. The circuit operates from a single +5 V supply, and uses two
major components: an Epitaxx ERM504 PIN-TIA module with
AGC, and the AD807 IC.
A 120 MHz, third order, low-pass Butterworth filter at the out-
put of the PIN-TIA module provides adequate bandwidth (70%
of the bit rate), and attenuates high frequency (out of band)
noise.
250mV
50mV/
DIV
–250mV
38.12ns
1ns/DIV
48.12ns
Figure 27. Receiver Output (Data) Eye Diagram,
0 dBm Optical Input
250mV
50mV/
DIV
–250mV
38.12ns
1ns/DIV
48.12ns
Figure 28. Receiver Output (Data) Eye Diagram,
–38 dBm Optical Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com