Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD807 Datasheet(PDF) 8 Page - Analog Devices

Part # AD807
Description  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD807 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD807 Datasheet HTML 4Page - Analog Devices AD807 Datasheet HTML 5Page - Analog Devices AD807 Datasheet HTML 6Page - Analog Devices AD807 Datasheet HTML 7Page - Analog Devices AD807 Datasheet HTML 8Page - Analog Devices AD807 Datasheet HTML 9Page - Analog Devices AD807 Datasheet HTML 10Page - Analog Devices AD807 Datasheet HTML 11Page - Analog Devices AD807 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
REV. A
–8–
AD807
A lower damping ratio allows a faster frequency acquisition;
generally the acquisition time scales directly with the capacitor
value. However, at damping ratios approaching one, the acquisi-
tion time no longer scales directly with capacitor value. The
acquisition time has two components: frequency acquisition and
phase acquisition. The frequency acquisition always scales with
capacitance, but the phase acquisition is set by the loop band-
width of the PLL and is independent of the damping ratio.
Thus, the 0.06% fractional loop bandwidth sets a minimum
acquisition time of 2000 bit periods. Note the acquisition time
for a damping factor of one is 15,000 bit periods. This com-
prises 13,000 bit periods for frequency acquisition and 2,000 bit
periods for phase acquisition. Compare this to the 400,000 bit
periods acquisition time specified for a damping ratio of 5; this
consists entirely of frequency acquisition, and the 2,000 bit
periods of phase acquisition is negligible.
While a lower damping ratio affords faster acquisition, it also al-
lows more peaking in the jitter transfer response (jitter peaking).
For example, with a damping ratio of 10, the jitter peaking is
0.02 dB, but with a damping ratio of 1, the peaking is 2 dB.
Center Frequency Clamp (Figure 19)
An N-channel FET circuit can be used to bring the AD807
VCO center frequency to within
±10% of 155 MHz when
SDOUT indicates a Loss of Signal (LOS). This effectively re-
duces the frequency acquisition time by reducing the frequency
error between the VCO frequency and the input data frequency
at clamp release. The N-FET can have “on” resistance as high
as 1 k
Ω and still attain effective clamping. However, the chosen
N-FET should have greater than 10 M
Ω “off” resistance and
less than 100 nA leakage current (source and drain) so as not to
alter normal PLL performance.
1
2
5
6
7
3
4
8
16
15
12
11
10
14
13
9
VEE
SDOUT
AVCC2
PIN
NIN
AVCC1
THRADJ
AVEE
DATAOUTN
DATAOUTP
CLKOUTN
CLKOUTP
VCC1
CF1
CF2
VCC2
AD807
N_FET
CD
Figure 19. Center Frequency Clamp Schematic
10
20k
10k
100
1k
C
D
PEAK
0.1
0.12
0.15
0.08
0.22
0.06
0.33
0.04
FREQUENCY IN kHz
Figure 20. Jitter Transfer vs. CD
POSITIVE
PEAK
DETECTOR
NEGATIVE
PEAK
DETECTOR
LEVEL
SHIFT
DOWN
LEVEL
SHIFT
UP
∑
THRESHOLD
BIAS
PIN
NIN
SDOUT
IHYS
+
+
AD807
COMPARATOR STAGES
& CLOCK RECOVERY PLL
ITHR
Figure 17. Signal Level Detect Circuit Block Diagram
Phase-Locked Loop
The phase-locked loop recovers clock and retimes data from
NRZ data. The architecture uses a frequency detector to aid ini-
tial frequency acquisition; refer to Figure 18 for a block dia-
gram. Note the frequency detector is always in the circuit. When
the PLL is locked, the frequency error is zero and the frequency
detector has no further effect. Since the frequency detector is al-
ways in the circuit, no control functions are needed to initiate
acquisition or change mode after acquisition.
VCO
RETIMING
DEVICE
Φ
DET
∑
FDET
DATA
INPUT
1
S
S + 1
RECOVERED CLOCK
OUTPUT
RETIMED DATA
OUTPUT
Figure 18. PLL Block Diagram
The frequency detector delivers pulses of current to the charge
pump to either raise or lower the frequency of the VCO. During
the frequency acquisition process the frequency detector output
is a series of pulses of width equal to the period of the VCO.
These pulses occur on the cycle slips between the data fre-
quency and the VCO frequency. With a maximum density data
pattern (1010 . . . ), every cycle slip will produce a pulse at the
frequency detector output. However, with random data, not
every cycle slip produces a pulse. The density of pulses at the
frequency detector output increases with the density of data
transitions. The probability that a cycle slip will produce a pulse
increases as the frequency error approaches zero. After the fre-
quency error has been reduced to zero, the frequency detector
output will have no further pulses. At this point the PLL begins
the process of phase acquisition, with a settling time of roughly
2000 bit periods.
Jitter caused by variations of density of data transitions (pattern
jitter) is virtually eliminated by use of a new phase detector (pat-
ented). Briefly, the measurement of zero phase error does not
cause the VCO phase to increase to above the average run rate
set by the data frequency. The jitter created by a 2
7–1 pseudo-
random code is 1/2 degree, and this is small compared to ran-
dom jitter.
The jitter bandwidth for the PLL is 0.06% of the center fre-
quency. This figure is chosen so that sinusoidal input jitter at
92 kHz will be attenuated by 3 dB.
The damping ratio of the PLL is user programmable with a
single external capacitor. At 155 MHz, a damping ratio of 5 is
obtained with a 0.15
µF capacitor. More generally, the damping
ratio scales as (fDATA
× C
D)
1/2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com