Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4622 Datasheet (PDF) - Micro Linear Corporation

ML4622 Datasheet PDF - Micro Linear Corporation
Part # ML4622
Download  ML4622 Download
File Size   170.87 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Fiber Optic Data Quantizer

ML4622 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4622 Datasheet PDF - Micro Linear Corporation

Part # ML4622
Download  ML4622 Click to download

File Size   170.87 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Fiber Optic Data Quantizer

ML4622 Datasheet (HTML) - Micro Linear Corporation


ML4622 Product details

GENERAL DESCRIPTION
The ML4622 and ML4624 data quantizers are low noise, wideband, bipolar monolithic ICs designed specifically for signal recovery applications in fiberoptic receiver systems. They contain a wideband limiting amplifier which is capable of accepting an input signal as low as 2mVP-P with a 55dB dynamic range. This high level of sensitivity is achieved by using a DC restoration feedback loop which nulls any offset voltage produced in the limiting amplifier.
The output stage is a high speed comparator circuit with both TTL and ECL outputs. An enable pin is included for added control.
The Link Detect circuit provides a Link Monitor function with a user selectable reference voltage. This circuit monitors the peaks of the input signal and provides a logic level output indicating when the input falls below an acceptable level. This output can be used to disable the quantizer and/or drive an LED, providing a visible link status.

FEATURES
■ Data rates up to 40MHz or 80MBd
■ Can be powered by either +5V providing TTL or raised ECL level outputs or –5.2V providing ECL levels
■ Low noise design: 25µV RMS over bandwidth
■ Adjustable Link Monitor function with hystersis
■ Wide 55dB input dynamic range
■ Low power design
■ ML4624 is pin compatible with the ML4621

APPLICATIONS
■ IEEE 802.3 10BASE-FL Receiver
■ IEEE 802.5 fiber optic token ring, 4 and 16mbps
■ Fiber Optic Data Communications and Telecommunications Receivers




Similar Part No. - ML4622

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4621 MICRO-LINEAR-ML4621 Datasheet
161Kb / 8P
Data Quantizer
ML4621CP MICRO-LINEAR-ML4621CP Datasheet
161Kb / 8P
Data Quantizer
ML4621CQ MICRO-LINEAR-ML4621CQ Datasheet
161Kb / 8P
Data Quantizer
More results


Similar Description - ML4622

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Micro Linear Corporatio...
ML4621 MICRO-LINEAR-ML4621 Datasheet
161Kb / 8P
Data Quantizer
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
High-Speed Data Quantizer
logo
List of Unclassifed Man...
DLR1040 ETC1-DLR1040 Datasheet
518Kb / 11P
FIBER OPTIC DATA LINKS
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
Adam Technologies, Inc.
FODL-001 ADAM-TECH-FODL-001 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
FODL-002 ADAM-TECH-FODL-002 Datasheet
77Kb / 1P
FIBER OPTIC DATA LINK
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com