Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6622 Datasheet (PDF) - Micro Linear Corporation

ML6622 Datasheet PDF - Micro Linear Corporation
Part # ML6622
Download  ML6622 Download
File Size   94.4 Kbytes
Page   6 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High-Speed Data Quantizer

ML6622 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6622 Datasheet PDF - Micro Linear Corporation

Part # ML6622
Download  ML6622 Click to download

File Size   94.4 Kbytes
Page   6 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High-Speed Data Quantizer

ML6622 Datasheet (HTML) - Micro Linear Corporation


ML6622 Product details

GENERAL DESCRIPTION

The ML6622 high-speed data quantizer (post-amplifier) is a low noise, wide-band, BiCMOS monolithic IC designed for high-speed signal recovery applications, such as FDDI, Fast Ethernet, and ATM. An internal DC restoration feedback loop nulls any offset voltage produced in the input stage. The limiting amplifier contributes to a high level of sensitivity and a minimum of duty cycle distortion.



FEATURES

■200 MHz bandwidth

■Low noise design

■Adjustable Link Detect function

■Low power design: 35mA typical

■Used with the ML6633 LED driver



APPLICATIONS

■FDDI

■Fast Ethernet, 100BASE-FX

■ATM (SONET), 155Mbps

■Fibre Channel, 133 or 266Mbps

■Proprietary high-speed fiber optic data links




Similar Part No. - ML6622

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6633CS MICRO-LINEAR-ML6633CS Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6633IS MICRO-LINEAR-ML6633IS Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
ML6651 MICRO-LINEAR-ML6651 Datasheet
198Kb / 10P
Auto-Negotiating Media Converter
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
16-Bit Microcontroller
More results


Similar Description - ML6622

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6011 NPC-SM6011 Datasheet
210Kb / 8P
High-speed Data Converter
logo
Analog Devices
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Micro Linear Corporatio...
ML4621 MICRO-LINEAR-ML4621 Datasheet
161Kb / 8P
Data Quantizer
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
logo
List of Unclassifed Man...
AX10410A ETC-AX10410A Datasheet
63Kb / 2P
High Speed Data Acquisition Module
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
Keysight Technologies
E2688A KEYSIGHT-E2688A Datasheet
3Mb / 10P
High-Speed Serial Data Analysis
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com