Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4621 Datasheet (PDF) - Micro Linear Corporation

ML4621 Datasheet PDF - Micro Linear Corporation
Part # ML4621
Download  ML4621 Download
File Size   161.69 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Data Quantizer

ML4621 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4621 Datasheet PDF - Micro Linear Corporation

Part # ML4621
Download  ML4621 Click to download

File Size   161.69 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Data Quantizer

ML4621 Datasheet (HTML) - Micro Linear Corporation


ML4621 Product details

GENERAL DESCRIPTION
The ML4621 data quantizer is a low noise, wideband monolithic IC designed specifically for signal recovery applications in fiber-optic receiver systems. It contains a two stage wideband limiting amplifier which is capable of accepting an input signal as low as 2mV with a 55dB dynamic range. This high level of sensitivity is achieved by using a DC restoration feedback loop which nulls any offset voltage produced in the limiting amplifier.

FEATURES
■ 50MHz minimum bandwidth for data rates of up to 100MBd
■ Can be powered by either 5V providing TTL level outputs, or -5.2V providing ECL level outputs
■ Low noise design: 25µV RMS over 50MHz noise bandwidth
■ Adjustable link monitor function
■ Wide 55dB input dynamic range
■ 10ns minimum input pulse




Similar Part No. - ML4621

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4622CP MICRO-LINEAR-ML4622CP Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4622CS MICRO-LINEAR-ML4622CS Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4622IS MICRO-LINEAR-ML4622IS Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4624CP MICRO-LINEAR-ML4624CP Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
More results


Similar Description - ML4621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
High-Speed Data Quantizer
logo
Advanced Micro Devices
AM79865 AMD-AM79865 Datasheet
805Kb / 17P
PHYSICAL DATA TRANSMITTER/PHYSICAL DATA RECEIVER
logo
ATMEL Corporation
45DB081B ATMEL-45DB081B Datasheet
12Kb / 6P
AT-45DB081B DATA FLASH RELIABILITY DATA
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
List of Unclassifed Man...
LPE16000 ETC2-LPE16000 Datasheet
601Kb / 2P
Assures data availability and data integrity
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com