Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4621 Datasheet(PDF) 4 Page - Micro Linear Corporation

Part # ML4621
Description  Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4621 Datasheet(HTML) 4 Page - Micro Linear Corporation

  ML4621 Datasheet HTML 1Page - Micro Linear Corporation ML4621 Datasheet HTML 2Page - Micro Linear Corporation ML4621 Datasheet HTML 3Page - Micro Linear Corporation ML4621 Datasheet HTML 4Page - Micro Linear Corporation ML4621 Datasheet HTML 5Page - Micro Linear Corporation ML4621 Datasheet HTML 6Page - Micro Linear Corporation ML4621 Datasheet HTML 7Page - Micro Linear Corporation ML4621 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
ML4621
4
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, VCC = 5V ± 5%, GND = 0V, TA = Operating Temperature Range (Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ICC1
VCC Supply Current
VCC TTL = GND TTL = VCC
65
100
mA
ICC2
VCC Supply Current
VCC TTL = VCC
70
110
mA
(TTL OUT Enabled)
GND TTL = GND
IVREF
VREF Output Current
–5.0
0.5
mA
VREF
Reference Voltage
2.40
2.55
2.65
V
AV
A1, A2 Amplifier Gain
VIN = 5mV
75
V/V
VIN
Input Signal Range
2
1400
mVP-P
VTH ADJ External Voltage at VTH ADJ to set VTH
1
2.5
V
Range
VOS
Input Offset
VDC = VREF (DC Loop Inactive)
3
mV
EN
Input Referred Noise
50MHz BW
25
µV
BW
3dB Bandwidth
50
65
MHz
VIN PW
Minimum Input Pulsewidth
10
ns
RIN
Input Resistance
VIN+, VIN–8
k
Ω
tPD AMP Amplifier Propagation Delay Time
From VIN+, VIN– to VOUT+, VOUT–4
8
ns
VIN+, = 10mVP-P
tPD ECL
ECL Comparator Propagation Delay Time
From CMP+, CMP– to ECL+, ECL–
4
8
ns
VIN+, = 10mVP-P
tPD TTL
TTL Comparator Propagation Delay Time
From ECL+, ECL– to TTL OUT
4
8
ns
VIN+, = 10mVP-P
RVTH ADJ VTH ADJ Input Resistance
6.8
k
Ω
IVOUT
VOUT+, VOUT– Output Current
3mA
ICMP
CMP+, CMP– Leakage Current
25
µA
VCMCMP CMP+, CMP– Common Mode Range
GND + 2
VCC – 1
V
ECL VOH ECL+, ECL– Output High Voltage
With 200
Ω Load Tied to VCC – 2V
3.90
4.30
V
TA = 25ºC
ECL VOL ECL+, ECL– Output Low Voltage
With 200
Ω Load Tied to VCC – 2V
3.11
3.38
V
TA = 25ºC
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which
the device could be permanently damaged. Absolute
maximum ratings are stress ratings only and functional
device operation is not implied.
VCC – GND ................................................ –0.3V to 7.0V
VCC TTL – GND TTL ................................... –0.3V to 7.0V
GND ............................................... –0.3V to VCC + 0.3V
Junction Temperature .............................................. 150°C
Storage Temperature Range ..................... –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ..................... 260°C
Thermal Resistance (
θJA)
24 Pin Narrow PDIP ......................................... 54°C/W
28 Pin PLCC ..................................................... 68°C/W
OPERATING CONDITIONS
Temperature Range ....................................... 0°C to 70°C
–5.2V Supply Range ...................................... –5.2V ± 5%
+5V Supply Range ......................................... 5.0V ± 5%



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com