Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4621 Datasheet(PDF) 5 Page - Micro Linear Corporation

Part # ML4621
Description  Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4621 Datasheet(HTML) 5 Page - Micro Linear Corporation

  ML4621 Datasheet HTML 1Page - Micro Linear Corporation ML4621 Datasheet HTML 2Page - Micro Linear Corporation ML4621 Datasheet HTML 3Page - Micro Linear Corporation ML4621 Datasheet HTML 4Page - Micro Linear Corporation ML4621 Datasheet HTML 5Page - Micro Linear Corporation ML4621 Datasheet HTML 6Page - Micro Linear Corporation ML4621 Datasheet HTML 7Page - Micro Linear Corporation ML4621 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ML4621
5
ELECTRICAL CHARACTERISTICS (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AV ECL
ECL CMP Gain
100
V/V
TTL VOH TTL Output High Voltage
VCC TTL = 5V, IOH = –50µA
2.4
V
TTL VOL
TTL Output Low Voltage
VCC TTL = 5V, IOL = 2mA
0.4
V
TTL VIH
TTL Input High Voltage Level
2.0
V
TTL VIL
TTL Input Low Voltage Level
0.8
V
TTL IIH
TTL Input High Current Level
VIH = 2.4V
–50
50
µA
TTL IIL
TTL Input Low Current Level
VIH = 0.4V
–1.6
0
mA
INOM
INOM = ISET
125
µA
Note 1: Limits are guaranteed by 100% testing, sampling, or correlation with worst case test conditions.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com