Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4621 Datasheet(PDF) 1 Page - Micro Linear Corporation

Part # ML4621
Description  Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4621 Datasheet(HTML) 1 Page - Micro Linear Corporation

  ML4621 Datasheet HTML 1Page - Micro Linear Corporation ML4621 Datasheet HTML 2Page - Micro Linear Corporation ML4621 Datasheet HTML 3Page - Micro Linear Corporation ML4621 Datasheet HTML 4Page - Micro Linear Corporation ML4621 Datasheet HTML 5Page - Micro Linear Corporation ML4621 Datasheet HTML 6Page - Micro Linear Corporation ML4621 Datasheet HTML 7Page - Micro Linear Corporation ML4621 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 1998
ML4621
Data Quantizer
GENERAL DESCRIPTION
The ML4621 data quantizer is a low noise, wideband
monolithic IC designed specifically for signal recovery
applications in fiber-optic receiver systems. It contains a
two stage wideband limiting amplifier which is capable
of accepting an input signal as low as 2mV with a 55dB
dynamic range. This high level of sensitivity is achieved
by using a DC restoration feedback loop which nulls any
offset voltage produced in the limiting amplifier.
The output stage is a high speed comparator circuit with
both TTL and ECL outputs. An enable pin is included for
added control.
The minimum signal discriminator circuit provides a link
monitor function with a user selectable reference voltage.
This circuit monitors the peaks of the input signal and
provides a logic level output indicating when the input
falls below an acceptable level. This output can be used
to disable the quantizer and/or drive an LED, providing a
visible link status.
BLOCK DIAGRAM (Pin Configuration Shown is for PLCC Version)
FEATURES
s
50MHz minimum bandwidth for data rates of up to
100MBd
s
Can be powered by either 5V providing TTL level
outputs, or -5.2V providing ECL level outputs
s
Low noise design: 25µV RMS over 50MHz noise
bandwidth
s
Adjustable link monitor function
s
Wide 55dB input dynamic range
s
10ns minimum input pulse
1
21
18
VIN+
VIN–
VDC
VREF
VTHADJ
GND
VCC TTL
GND TTL
TTL OUT
CMP ENABLE
VCC
CPEAK
ISET
INOM
CF1
VOUT+
VOUT–
A1
A2
DC
AMP
ECL
CMP
TTL
CMP
FILTER
REF
THRESHOLD
GENERATOR
CF2
MINIMUM
SIGNAL
DISCRIMINATOR
CMP+
ECL+
ECL–
CMP–
ECL LINK MON
TTL LINK MON
22
6
5
8
23
27
26
24
28
19
20
3
1
2
17
16
10
11
13
9
12
14
Please
See
ML4622/ML4624
for
New
Designs


Similar Part No. - ML4621

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4622CP MICRO-LINEAR-ML4622CP Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4622CS MICRO-LINEAR-ML4622CS Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4622IS MICRO-LINEAR-ML4622IS Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4624CP MICRO-LINEAR-ML4624CP Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
More results

Similar Description - ML4621

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD807 AD-AD807 Datasheet
226Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.A
AD808 AD-AD808 Datasheet
145Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV.0
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
High-Speed Data Quantizer
logo
Advanced Micro Devices
AM79865 AMD-AM79865 Datasheet
805Kb / 17P
PHYSICAL DATA TRANSMITTER/PHYSICAL DATA RECEIVER
logo
ATMEL Corporation
45DB081B ATMEL-45DB081B Datasheet
12Kb / 6P
AT-45DB081B DATA FLASH RELIABILITY DATA
logo
Analog Devices
AD807 AD-AD807_00 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807_15 Datasheet
472Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD808 AD-AD808_15 Datasheet
153Kb / 12P
Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
List of Unclassifed Man...
LPE16000 ETC2-LPE16000 Datasheet
601Kb / 2P
Assures data availability and data integrity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com