Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4621 Datasheet(PDF) 6 Page - Micro Linear Corporation

Part # ML4621
Description  Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4621 Datasheet(HTML) 6 Page - Micro Linear Corporation

  ML4621 Datasheet HTML 1Page - Micro Linear Corporation ML4621 Datasheet HTML 2Page - Micro Linear Corporation ML4621 Datasheet HTML 3Page - Micro Linear Corporation ML4621 Datasheet HTML 4Page - Micro Linear Corporation ML4621 Datasheet HTML 5Page - Micro Linear Corporation ML4621 Datasheet HTML 6Page - Micro Linear Corporation ML4621 Datasheet HTML 7Page - Micro Linear Corporation ML4621 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ML4621
6
FUNCTIONAL DESCRIPTION
AMPLIFIER
The quantizer has a two stage limiting amplifier with an
input common mode range of (GND + 1.8V) to (VCC –
1.5V). Maximum sensitivity is achieved through the use
of a DC restoration feedback loop and AC coupling on
the input. The input DC bias voltage is set by an on-chip
network at about 1.9V when it is AC coupled. These
coupling capacitors, in conjunction with the input
impedance of the amplifier, establish a highpass filter
with a 3dB corner frequency, fL, at:
f
C
L =
¥¥
1
2
8000
π
(1)
Two capacitors of equal value are required since the
amplifier has a differential input. One of the coupling
capacitors can be tied to VCC as shown in Figure 1 if the
signal driving the input is single ended. The high corner
frequency can also be adjusted by attaching capacitors to
CF1 and CF2. The equation for adjusting this corner is:
f
C
H =
¥¥
1
2
425
π
(2)
The offset voltage within the amplifier will be present at
the amplifier’s output even though the input is AC
coupled. This is represented by VOS in Figure 2. In order
to reduce this error a DC feedback loop is incorporated.
This negative feedback loop nulls the offset voltage,
forcing VOS to be zero. An external capacitor at VDC is
used to store the offset voltage. Although the value of
this capacitor is noncritical, the pole it creates can affect
the stability of the feedback loop. The value of this
capacitor should be at least 100 times smaller than the
input coupling capacitors to avoid stability problems
using the ML4621.
The output of the ML4621 amplifier is isolated from the
comparator and made available to the user. This allows
the user to add circuitry between the amplifier and the
comparator for wave shaping and other signal
conditioning.
COMPARATOR
Two types of comparators are employed in the output
section of these quantizers. The high speed ECL
comparator is used to provide the ECL level outputs, and
in turn drives the TTL comparator. The enable pin, CMP
ENABLE, is provided to control the ECL comparator.
When CMP ENABLE is low the comparators function
normally. When it is high it forces ECL+ high, ECL– low,
and TTL OUT high. The CMP ENABLE pin can be
controlled with TTL level signals when the quantizer is
powered by 5V and ground.
LINK MONITOR
This function is implemented by the minimum signal
discriminator and the threshold generator circuits. The
purpose of this function is to monitor the input signal and
provide a status signal indicating when the input falls
below a preset voltage level. This is done by peak
detecting the output of the amplifier section and
comparing this level with the voltage at VTHADJ.
Figure 1. ML4621 Configured for 20MHz Bandwidth with TTL Output
VIN–
VIN+
NC
VDC
CF2
CF1
VOUT–
NC
CPEAK
VREF
VTH ADJ
GND
TTL OUT
VCC TTL
25
24
23
22
21
20
19
ML4621
5V
0.5µF
0.1µF
0.001µF
0.1µF
18pF
18pF
5V
470
Ω
5
6
7
8
9
10
11
4
3
2
1 28 27 26
12 13 14 15 16 17 18



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com