Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4621 Datasheet(PDF) 7 Page - Micro Linear Corporation

Part # ML4621
Description  Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4621 Datasheet(HTML) 7 Page - Micro Linear Corporation

  ML4621 Datasheet HTML 1Page - Micro Linear Corporation ML4621 Datasheet HTML 2Page - Micro Linear Corporation ML4621 Datasheet HTML 3Page - Micro Linear Corporation ML4621 Datasheet HTML 4Page - Micro Linear Corporation ML4621 Datasheet HTML 5Page - Micro Linear Corporation ML4621 Datasheet HTML 6Page - Micro Linear Corporation ML4621 Datasheet HTML 7Page - Micro Linear Corporation ML4621 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ML4621
7
Figure 3.
Figure 2.
VOUT+
VOUT–
VOS
The equation which determines the droop rate of the peak
detector is:
dV
dt
I
C
ISET
=
(3)
In this equation C is the peak capacitor at CPEAK. On the
ML4621 the droop rate of the peak detector can be
adjusted two ways:
1) By adjusting the value of the peak capacitor at CPEAK.
2) By adjusting the charge current into the peak capacitor
at ISET.
The charge current, IISET, can be controlled externally by
connecting a resistor, REXT, between ISET and VCC. IISET
will then be:
I
V
R
ISET
CC
EXT
=
+
–.
07
1700
(4)
For convenience an on-chip current source of 125µA is
available by connecting INOM to ISET.
The threshold generator level-shifts the reference voltage
at VTHADJ through a circuit which has a temperature
coefficient matching that of the limiting amplifier. The
relationship between VTHADJ and VTH (the minimum
peak voltage at the input which will trigger the link
monitor) is:
VADJ
V
TH
TH
=¥
+
600
0 7
bg
.
(5)
The on-chip reference voltage, VREF, can be tied directly
to VTHADJ to set the threshold level. This will set the
minimum input signal on the ML4621 at about 3mV
(peak). A lower threshold level can be set by dividing
down VREF with a resistor string, as in Figure 3.
Since the ML4621 has a relatively low input impedance
of 6.8k
Ω and is offset by one diode drop, the equation
which accounts for the load and offset is:
VADJ
RV
R
RR
R
R
TH
REF
=
¥¥
+
¥
¥+
+
¥
21
12
1
2
6800
0 7
6800
bg b
g
ch
bg
.
(6)
THRESHOLD ADJUSTMENT EXAMPLE
To make the link monitor trigger when the received
optical power goes below 1µW (-30dBm), you first need to
calculate the resultant voltage at VIN+ and VIN–. If a
Hewlett-Packard HFBR-24X6 fiber-optic receiver with a
responsive level of 8mV/µW is used, the peak-to-peak
voltage would be:
1
8
8
µ
µ
W
mV
W
mVPP
¥=
-
(7)
Then the link monitor should trigger at some point slightly
lower than 4mV peak. Setting VTH in Equation 5 to 3mV
and solving for VTHADJ yields:
VTHADJ = (600 × 0.003) + 0.7 = 2.5V
(8)
This is a convenient value since the reference voltage
supplied by the quantizer, VREF, is 2.5V.
The link monitor has about 0.4mV (peak) hysteresis
built-in. More hysteresis can be induced by connecting a
resistor between TTL LINK MON and VTHADJ creating a
positive feedback loop.
Refer to Micro Linear’s Application Note 6 for more
detail.
FUNCTIONAL DESCRIPTION (Continued)
VREF
VTHADJ
REF
THRESHOLD
GENERATOR
R1
R2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com