Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4621 Datasheet(PDF) 3 Page - Micro Linear Corporation

Part # ML4621
Description  Data Quantizer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation

ML4621 Datasheet(HTML) 3 Page - Micro Linear Corporation

  ML4621 Datasheet HTML 1Page - Micro Linear Corporation ML4621 Datasheet HTML 2Page - Micro Linear Corporation ML4621 Datasheet HTML 3Page - Micro Linear Corporation ML4621 Datasheet HTML 4Page - Micro Linear Corporation ML4621 Datasheet HTML 5Page - Micro Linear Corporation ML4621 Datasheet HTML 6Page - Micro Linear Corporation ML4621 Datasheet HTML 7Page - Micro Linear Corporation ML4621 Datasheet HTML 8Page - Micro Linear Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ML4621
3
PIN DESCRIPTION (Pin Number in Parenthesis is for DIP Version)
PIN
NAME
FUNCTION
1 (1)
ECL LINK MON ECL link monitor output. Signal
is low when the VIN+ and VIN–
inputs exceed the minimum
threshold set by a voltage on
VTH ADJ. Signal is high when
input signal level is below that
threshold.
2 (2)
TTL LINK MON TTL link monitor output. Same
logic function as the ECL LINK
MON. Capable of driving a
10mA LED indicator. This pin is
normally tied to CMP ENABLE.
3 (3)
CMP ENABLE
Low voltage at this TTL input
enables both the ECL and TTL
outputs. A high TTL voltage
disables the comparator output
with ECL+ high, ECL– low, and
TTL OUT high.
5 (4)
VIN–
This input should be capacitively
coupled to the input source or to
ground. (Input resistance is
approximately 8k
Ω).
6 (5)
VIN+
This input should be capacitively
coupled to the input source or to
ground. (Input resistance is
approximately 8k
Ω).
8 (6)
VDC
An external capacitor on this pin
integrates an error signal which
nulls the offset of the input
amplifier. If the DC feedback
loop is not being used, this pin
should be connected to VREF.
9 (7)
CF2
A capacitor from this pin to
ground controls the maximum
bandwidth of the amplifier to
accommodate lower operating
frequencies.
10 (8) CF1
The capacitor on this pin should
match the one on CF2.
11 (9) VOUT-
Negative output of the amplifier,
which is normally tied to CMP–.
12 (10) VOUT+
Positive output of the amplifier,
which is normally tied to CMP+.
13 (11) CMP+
Comparator input pin. Open base
configuration relies on the DC
bias of the amp output to set
proper DC operating voltage.
Reestablish voltage if filtering is
used between VOUT+ and CMP+.
PIN
NAME
FUNCTION
14(12) CMP–
Comparator input pin. Open base
configuration relies on the DC
bias of the amp output to set the
proper DC operating voltage.
Reestablish voltage if filtering is
used between VOUT– and CMP–.
16(13) ECL–
ECL comparator negative output.
17(14) ECL+
ECL comparator positive outout.
18(15) GND TTL
Negative supply for the TTL
comparator stage. If the TTL
output is not necessary, connect
GND TTL and VCC TTL to VCC.
19(16) VCC TTL
Positive supply for the TTL
comparator stage. If the TTL
output is not necessary, connect
GND TTL and VCC TTL to VCC.
20(17) TTL OUT
TTL data output (totem pole type
output stage).
21(18) GND
Negative supply. Connect to –
5.2V for ECL operation, or to
source ground for TTL operation.
22(19) VTH ADJ
This input sets the minimum
amplitude of the input signal
required to cause the link
monitors to go low.
23(20) VREF
A 2.5V reference with respect to
GND.
24(21) CPEAK
A capacitor from this pin to GND
determines the link monitor
response time.
26(22) ISET
Current into an internal diode
connected between this pin and
GND is turned around and pulled
from CPEAK. This pin is normally
connected to INOM.
27(23) INOM
Sets a current of approximately
125µA when connected to ISET.
28(24) VCC
Positive supply. Connect to
source ground for ECL operation,
or to 5V for TTL operation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com