Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML6633 Datasheet (PDF) - Micro Linear Corporation

ML6633 Datasheet PDF - Micro Linear Corporation
Part # ML6633
Download  ML6633 Download
File Size   93.95 Kbytes
Page   5 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Speed Fiber Optic LED Driver

ML6633 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML6633 Datasheet PDF - Micro Linear Corporation

Part # ML6633
Download  ML6633 Click to download

File Size   93.95 Kbytes
Page   5 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description High Speed Fiber Optic LED Driver

ML6633 Datasheet (HTML) - Micro Linear Corporation


ML6633 Product details

GENERAL DESCRIPTION

The ML6633 is a high speed fiber optic LED driver suited for networking applications up to 200 Mbps. The part is capable of driving up to 82mA of current through a fiber optic LED from an ECL level input signal. Its efficient output stage provides a high current that can be programmed for accurate absolute output level which insures precise launch power.



FEATURES

Data rates up to 200Mbps

Current driven output for accurate launch power

Programmable output current from 20mA to 82mA

High Efficiency Output Stage

Low EMI/RFI Noise

ECL inputs

Industrial temperature version available

May be used with ML6622 quantizer



APPLICATIONS

FDDI

Fast Ethernet, 100BASE-FX

ATM (SONET), 155Mbps

Proprietary high-speed fiber optic data links




Similar Part No. - ML6633

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML6622 MICRO-LINEAR-ML6622 Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622CS MICRO-LINEAR-ML6622CS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6622IS MICRO-LINEAR-ML6622IS Datasheet
94Kb / 6P
High-Speed Data Quantizer
ML6651 MICRO-LINEAR-ML6651 Datasheet
198Kb / 10P
Auto-Negotiating Media Converter
logo
OKI electronic componet...
ML66517 OKI-ML66517 Datasheet
203Kb / 28P
16-Bit Microcontroller
More results


Similar Description - ML6633

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
Fiber optic LED driver
1989 Dec 13
logo
Micro Linear Corporatio...
ML4632 MICRO-LINEAR-ML4632 Datasheet
173Kb / 8P
Fiber Optic LED Driver
logo
OPTEK Technologies
OPF1402 OPTEK-OPF1402 Datasheet
482Kb / 2P
HIGH SPEED FIBER OPTIC TRANSMITTER
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
Fiber Optic GaAlAs High Speed LED
OPF345A OPTEK-OPF345A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF390A OPTEK-OPF390A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF395A OPTEK-OPF395A Datasheet
3Mb / 2P
Fiber Optic GaA lAs High Speed LED
Aug-1996
OPF392A OPTEK-OPF392A Datasheet
318Kb / 2P
Fiber Optic GaAIAs High Speed LED
OPF347A OPTEK-OPF347A Datasheet
268Kb / 2P
Fiber Optic GaAIAs High Speed LED
OPF397A OPTEK-OPF397A Datasheet
300Kb / 2P
Fiber Optic gaAIAs High Speed LED
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com