Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4632 Datasheet (PDF) - Micro Linear Corporation

ML4632 Datasheet PDF - Micro Linear Corporation
Part # ML4632
Download  ML4632 Download
File Size   173.88 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Fiber Optic LED Driver

ML4632 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML4632 Datasheet PDF - Micro Linear Corporation

Part # ML4632
Download  ML4632 Click to download

File Size   173.88 Kbytes
Page   8 Pages
Manufacturer  MICRO-LINEAR [Micro Linear Corporation]
Direct Link  http://www.microlinear.com
Logo MICRO-LINEAR - Micro Linear Corporation
Description Fiber Optic LED Driver

ML4632 Datasheet (HTML) - Micro Linear Corporation


ML4632 Product details

GENERAL DESCRIPTION
The ML4632 is a fiber optic LED driver suited for network applications up to 20Mbps. The part is capable of driving up to 100mA of current through a Fiber Optic LED from an ECL or TTL level input signal. Its efficient output stage provides a high current that can be programmed for accurate absolute output level as well as automatic temperature compensation. The combination of automatic temperature compensation and a highly accurate current driven design insures precise launch power.

FEATURES
■ Current Driven Output for accurate Launch Power
■ Programmable output current from 20mA to 100mA
■ Programmable temperature coefficient, 0 to 3300ppm/°C
■ High Efficiency Output Stage
■ Programmable LED pre-bias current
■ Low EMI/RFI Noise
■ ECL or TTL inputs
■ Optional Peaking circuit

APPLICATIONS
■ IEEE 802.3, 10BASE-F
■ IEEE 802.5 Fiber Optic Token Ring
■ IEEE 802.4 Fiber Optic Token Bus
■ Fiber Optic Data Communications and Telecommunications




Similar Part No. - ML4632

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4621 MICRO-LINEAR-ML4621 Datasheet
161Kb / 8P
Data Quantizer
ML4621CP MICRO-LINEAR-ML4621CP Datasheet
161Kb / 8P
Data Quantizer
ML4621CQ MICRO-LINEAR-ML4621CQ Datasheet
161Kb / 8P
Data Quantizer
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
ML4622CP MICRO-LINEAR-ML4622CP Datasheet
170Kb / 8P
Fiber Optic Data Quantizer
More results


Similar Description - ML4632

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F5300 PHILIPS-74F5300 Datasheet
81Kb / 10P
Fiber optic LED driver
1989 Dec 13
74F5302 PHILIPS-74F5302 Datasheet
91Kb / 10P
Fiber optic dual LED/clock driver
1990 Jul 24
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
High Speed Fiber Optic LED Driver
logo
OPTEK Technologies
OPF693 OPTEK-OPF693 Datasheet
332Kb / 3P
850nm, Fiber Optic LED Transmitter
Sep-2003
OPF371 OPTEK-OPF371 Datasheet
3Mb / 2P
Fiber Optic GaA lAs LED
1/16
OPF342A OPTEK-OPF342A Datasheet
313Kb / 2P
Fiber Optic GaAlAs High Speed LED
OPF320A OPTEK-OPF320A Datasheet
289Kb / 2P
Fiber Optic GaAIAs LED
OPF392A OPTEK-OPF392A Datasheet
318Kb / 2P
Fiber Optic GaAIAs High Speed LED
OPF692 OPTEK-OPF692 Datasheet
337Kb / 3P
850nm, Fiber Optic LED Transmitter
September 2003
logo
List of Unclassifed Man...
OTFI-0100 ETC2-OTFI-0100 Datasheet
263Kb / 4P
LED Fiber Optic Illuminator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com