Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

396 Datasheet (PDF) - Adafruit Industries

396 Datasheet PDF - Adafruit Industries
Part # 396
Download  396 Download
File Size   200.08 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Precision screw removal pliers PZ 57

396 Datasheet (PDF)

Go To PDF Page Download Datasheet
396 Datasheet PDF - Adafruit Industries

Part # 396
Download  396 Click to download

File Size   200.08 Kbytes
Page   2 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Precision screw removal pliers PZ 57

396 Datasheet (HTML) - Adafruit Industries


396 Product details

• Model PZ-57
• Length: 120mm
• Hardness: HRC56±2
• Material: S58C
• Weight: 100g




Similar Part No. - 396

ManufacturerPart #DatasheetDescription
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
81Kb / 2P
SUBMINIATURE FUSES
logo
Energizer
396 ENERGIZER-396 Datasheet
534Kb / 1P
Silver Oxide Batteries
logo
EDAC, All Rights Reserv...
396 EDAC-396 Datasheet
298Kb / 3P
Card Edge Connectors 0.125” (3.175mm) Pitch
logo
PANAVISE PRODUCTS, INC.
396 PANAVISE-396 Datasheet
1Mb / 8P
Precision Vise Combinations
logo
Littelfuse
396 LITTELFUSE-396 Datasheet
258Kb / 4P
FUSE HOLDER SELECTION GUIDE
More results


Similar Description - 396

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOD-57 VISHAY-SOD-57 Datasheet
33Kb / 2P
SOD-57
04-Dec-03
logo
List of Unclassifed Man...
382-0214 ETC2-382-0214 Datasheet
139Kb / 2P
Pliers
logo
Weidmuller
1542250000 WEIDMULLER-1542250000 Datasheet
492Kb / 5P
CRIMPSET PZ 10 HEX
logo
PHOENIX CONTACT
1212591 PHOENIX-1212591 Datasheet
51Kb / 2P
Screw insert - SF-BIT-PZ 1-50
1212592 PHOENIX-1212592 Datasheet
51Kb / 2P
Screw insert - SF-BIT-PZ 2-50
1212593 PHOENIX-1212593 Datasheet
49Kb / 3P
Screw insert - SF-BIT-PZ 3-50
1212594 PHOENIX-1212594 Datasheet
49Kb / 3P
Screw insert - SF-BIT-PZ 1-70
1212595 PHOENIX-1212595 Datasheet
49Kb / 3P
Screw insert - SF-BIT-PZ 2-70
1212596 PHOENIX-1212596 Datasheet
49Kb / 3P
Screw insert - SF-BIT-PZ 3-70
logo
HARTING Technology Grou...
09-99-000-0997 HARTING-09-99-000-0997 Datasheet
536Kb / 1P
Removal Tool Han FB -Pliers
2021-10-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com