Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

396 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 396
Description  Precision screw removal pliers PZ 57
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

396 Datasheet(HTML) 2 Page - Adafruit Industries

  396 Datasheet HTML 1Page - Adafruit Industries 396 Datasheet HTML 2Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
That's where these precision screw removal pliers come in. The end is concave
and extra-grippy so you can grasp the bolt head and tug on it. It's sort of
ingenious! Perfect for frustrating dis-assembly of electronics both old and new.
Best for screws of metric size M1-M3, imperial #0 to #4
Technical Details
•
Model PZ-57
•
Length: 120mm
•
Hardness: HRC56±2
•
Material: S58C
•
Weight: 100g
Product information page
https://www.adafruit.com/product/396 2-6-24



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com