Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

412 Datasheet (PDF) - Adafruit Industries

412 Datasheet PDF - Adafruit Industries
Part # 412
Download  412 Download
File Size   1585.89 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Small Push-Pull Solenoid - 12VDC

412 Datasheet (PDF)

Go To PDF Page Download Datasheet
412 Datasheet PDF - Adafruit Industries

Part # 412
Download  412 Click to download

File Size   1585.89 Kbytes
Page   4 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Small Push-Pull Solenoid - 12VDC

412 Datasheet (HTML) - Adafruit Industries


412 Product details

• 12 VDC operation (please note lower voltage results in weaker/slower operation) - 250mA current draw
• Push or pull type with 5.5 mm throw
• DC coil resistance: 40 ohms
• 5 Newton starting force (12VDC)
• 1.4 oz / 39 grams




Similar Part No. - 412

ManufacturerPart #DatasheetDescription
logo
ebm-papst
412 EBMPAPST-412 Datasheet
311Kb / 4P
DC axial compact fan
logo
Willow Technologies Ltd
412 WILLOW-412 Datasheet
142Kb / 6P
ESTABLISHED RELIABILITY TO-5 RELAYS
logo
ebm-papst
412 EBMPAPST-412 Datasheet
375Kb / 3P
DC axial fans
logo
3M Electronics
412 3M-412 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
Jun-2010
logo
Marathon Special Produc...
412 MARATHON-412 Datasheet
597Kb / 3P
Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
More results


Similar Description - 412

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
PREMIER DEVICES, INC.
S8740240P12 PDI-S8740240P12 Datasheet
128Kb / 4P
GaAs Push Pull Hybrid 40 - 870MHz 23.5dB min. Gain @ 870MHz 450mA max. @ 12VDC
logo
Rhombus Industries Inc.
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Japan Aviation Electron...
FO-MC JAE-FO-MC Datasheet
402Kb / 6P
Small Waterproof Optical Multi Pin Push-Pull Connector
logo
Hirose Electric
RP17 HIROSE-RP17 Datasheet
915Kb / 6P
Small-sized, plastic type, push-pull lock connectors
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com