Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

412 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 412
Description  Small Push-Pull Solenoid - 12VDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

412 Datasheet(HTML) 2 Page - Adafruit Industries

  412 Datasheet HTML 1Page - Adafruit Industries 412 Datasheet HTML 2Page - Adafruit Industries 412 Datasheet HTML 3Page - Adafruit Industries 412 Datasheet HTML 4Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
To drive a solenoid you will need a power transistor and a diode, check this
diagram for how to wire it to an Arduino or other microcontroller. You will need
a fairly good power supply to drive a solenoid, as a lot of current will rush into
the solenoid to charge up the electro-magnet, about 250mA, so don't try to
power it with a 9V battery!
TECHNICAL DETAILS
Details:
•
12 VDC operation (please note lower voltage results in weaker/slower
operation) - 250mA current draw
•
Push or pull type with 5.5 mm throw
•
DC coil resistance: 40 ohms
•
5 Newton starting force (12VDC)
•
1.4 oz / 39 grams



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com