Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

413 Datasheet (PDF) - Adafruit Industries

413 Datasheet PDF - Adafruit Industries
Part # 413
Download  413 Download
File Size   1489.28 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Large push push-pull solenoid

413 Datasheet (PDF)

Go To PDF Page Download Datasheet
413 Datasheet PDF - Adafruit Industries

Part # 413
Download  413 Click to download

File Size   1489.28 Kbytes
Page   3 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Large push push-pull solenoid

413 Datasheet (HTML) - Adafruit Industries


413 Product details

• 12 DC operation (you can use 9-12 DC volts, but lower voltage results in weaker/slower operation)
• Push or pull type with 10 mm throw
• Coil resistance: ~12 ohms
• 6 Newton starting force (12VDC / 50% duty cycle)
• 5.1 oz / 144 grams




Similar Part No. - 413

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
413 ZETEX-413 Datasheet
136Kb / 6P
SOT23 NPN silicon planar avalanche transistor
logo
3M Electronics
413 3M-413 Datasheet
53Kb / 2P
Detectable Buried Barricade Tapes 400 Series
logo
Keystone Electronics Co...
413 KEYSTONE-413 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Dormer Pramet
413 DORMER-413 Datasheet
28Kb / 1P
Flute geometry
logo
Eclipse Magnetics Ltd
413 ECLIPSEMAGNETICS-413 Datasheet
24Kb / 1P
Toolmakers Clamps
More results


Similar Description - 413

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FP203 SANYO-FP203 Datasheet
144Kb / 4P
Push-Pull Circuits
logo
Rhombus Industries Inc.
T-1386 RHOMBUS-IND-T-1386 Datasheet
27Kb / 1P
Push-Pull Transformer
T-1442 RHOMBUS-IND-T-1442 Datasheet
31Kb / 1P
Push-Pull Transformer
07/6/01
logo
MPS Industries, Inc.
P6270XF MPSIND-P6270XF Datasheet
191Kb / 1P
PUSH-PULL TRANSFORMER
logo
Amphenol Corporation
00110930040 AMPHENOL-00110930040 Datasheet
2Mb / 36P
PUSH-PULL CONNECTORS
logo
AVX Corporation
006200167032800 AVX-006200167032800 Datasheet
2Mb / 36P
pUSH-pULL CONNECTORS
logo
List of Unclassifed Man...
HR10-10P-12S ETC1-HR10-10P-12S Datasheet
2Mb / 20P
Push-Pull Connectors
logo
Glenair, Inc.
844-003 GLENAIR-844-003 Datasheet
260Kb / 1P
Push-Pull Receptacle
logo
Coilcraft lnc.
PA6381 COILCRAFT-PA6381_16 Datasheet
167Kb / 2P
Push-Pull Transformers
logo
VACUUMSCHMELZE GmbH & C...
T60402-C4615-X065 VACUUMSCHMELZE-T60402-C4615-X065 Datasheet
49Kb / 2P
Push Pull Transformer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com