Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

413 Datasheet(PDF) 2 Page - Adafruit Industries

Part # 413
Description  Large push push-pull solenoid
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries

413 Datasheet(HTML) 2 Page - Adafruit Industries

  413 Datasheet HTML 1Page - Adafruit Industries 413 Datasheet HTML 2Page - Adafruit Industries 413 Datasheet HTML 3Page - Adafruit Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This solenoid in particular is nice and strong, with a 40mm long body and a
'captive' armature with a return spring. This means that when activated with up
to 12VDC, the solenoid moves and then the voltage is removed it springs back
to the original position, which is quite handy. Many lower cost solenoids are
only push type or only pull type and may not have a captive armature (it'll fall
out!) or don't have a return spring. This solenoid has 4xM3 (metric) threaded
holes in the bottom for easy mounting.
To drive a solenoid you will need a power transistor and a diode, check this
diagram for how to wire it to an Arduino or other microcontroller. You will need
a fairly good power supply to drive a solenoid, as a lot of current will rush into
the solenoid to charge up the electro-magnet, about 250mA, so don't try to
power it with a 9V battery! Works best with a 12V power supply.
Please Note: As of June 7th 2017, we are now selling the 12V version of this
product instead of the 24V!
TECHNICAL DETAILS
•
12 DC operation (you can use 9-12 DC volts, but lower voltage results in
weaker/slower operation)
•
Push or pull type with 10 mm throw
•
Coil resistance: ~12 ohms
•
6 Newton starting force (12VDC / 50% duty cycle)
•
5.1 oz / 144 grams



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com