Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

512 Datasheet (PDF) - Adafruit Industries

512 Datasheet PDF - Adafruit Industries
Part # 512
Download  512 Download
File Size   72.16 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Analog 2-axis Thumb Joystick with Select Button Breakout Board

512 Datasheet (PDF)

Go To PDF Page Download Datasheet
512 Datasheet PDF - Adafruit Industries

Part # 512
Download  512 Click to download

File Size   72.16 Kbytes
Page   1 Pages
Manufacturer  ADAFRUIT [Adafruit Industries]
Direct Link  https://www.adafruit.com/
Logo ADAFRUIT - Adafruit Industries
Description Analog 2-axis Thumb Joystick with Select Button Breakout Board

512 Datasheet (HTML) - Adafruit Industries


512 Product details

o Dimensions: 1.5" wide x 1.5" long x 1.25" tall (when assembled)
o Weight: 12 grams ( 0.4oz )
o Power: Usable with any voltage up to 5V, 2 analog outputs. 1 milliamp draw when used with 5V




Similar Part No. - 512

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
512 PEREGRINE-512 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
logo
Marl International Limi...
512 MARL-512 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
512 ETC2-512 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
512 FRANCEJOINT-512 Datasheet
606Kb / 3P
PISTON SEALS
logo
MG Chemicals
512 MG-CHEMICALS-512 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
More results


Similar Description - 512

ManufacturerPart #DatasheetDescription
logo
ITT Industries
EGN-J-O100A ITT-EGN-J-O100A Datasheet
227Kb / 3P
Analog Joystick Navigation Device
logo
CTS Corporation
252A103A40NA CTS-252A103A40NA Datasheet
489Kb / 2P
Two Axis, Mini-joystick With Momentary Switch
254TB103C50A CTS-254TB103C50A_10 Datasheet
365Kb / 2P
Two Axis, Ultra-miniature Joystick With Optional Momentary Switch
logo
List of Unclassifed Man...
2765 ETC2-2765 Datasheet
582Kb / 2P
MINI 2-AXIS ANALOG THUMBSTICK
3103 ETC2-3103 Datasheet
221Kb / 2P
2-Axis Analog Thumb Joystick
27800 ETC-27800 Datasheet
83Kb / 3P
2-Axis Joystick (#27800)
1/16/2012
logo
SparkFun Electronics
COM-09032 SPARKFUN-COM-09032 Datasheet
111Kb / 1P
Thumb Joystick
3/22/2017
COM-09426 SPARKFUN-COM-09426 Datasheet
134Kb / 2P
Thumb Slide Joystick
8????7
logo
Leadshine Technology Co...
MX3660 LEADSHINE-MX3660 Datasheet
1Mb / 16P
3-Axis Stepper Drive with Breakout Board & I/O’s
MX4660 LEADSHINE-MX4660 Datasheet
1Mb / 20P
4-Axis Stepper Drive with Breakout Board & I/O’s
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com