Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

512 Datasheet (PDF) - Peregrine Semiconductor Corp.

512 Datasheet PDF - Peregrine Semiconductor Corp.
Part # 512
Download  512 Download
File Size   224.54 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler

512 Datasheet (PDF)

Go To PDF Page Download Datasheet
512 Datasheet PDF - Peregrine Semiconductor Corp.

Part # 512
Download  512 Click to download

File Size   224.54 Kbytes
Page   8 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler

512 Datasheet (HTML) - Peregrine Semiconductor Corp.


512 Product details

Product Description
The PE3512 is a high-performance static UltraCMOS™ prescaler with a fixed divide ratio of 4. Its operating frequency range is DC to 1500 MHz. The PE3512 operates on a nominal 3 V supply and draws only 8 mA. The input and output interfaces support both AC-coupled, low-Z RF as well as direct connection to low voltage positive logic devices. It is packaged in a small 6-lead SC-70 and is ideal for frequency scaling solutions

Features
• DC to 1500 MHz operation
• Fixed divide ratio of 4
• Low-power consumption: 8 mA typical @ 3V
• RF or LV Digital Interface
• Ultra-small package: 6-lead SC-70




Similar Part No. - 512

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
512 MARL-512 Datasheet
432Kb / 5P
횠12.7mm mounting Robust bright nickel plated brass housing
logo
List of Unclassifed Man...
512 ETC2-512 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
France Joint
512 FRANCEJOINT-512 Datasheet
606Kb / 3P
PISTON SEALS
logo
Adafruit Industries
512 ADAFRUIT-512 Datasheet
72Kb / 1P
Analog 2-axis Thumb Joystick with Select Button Breakout Board
4-12-17
logo
MG Chemicals
512 MG-CHEMICALS-512 Datasheet
266Kb / 4P
Copper Clad Boards 500 Series Technical Data Sheet
16 March 2017 / Ver. 2.01
More results


Similar Description - 512

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3502 PEREGRINE-PE3502 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE9312 PEREGRINE-PE9312 Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler Rad hard for Space Applications
PE83512 PEREGRINE-PE83512_06 Datasheet
267Kb / 7P
DC - 1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Military Operating Temperature Range
PE3501 PEREGRINE-PE3501_08 Datasheet
242Kb / 9P
3500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
PE3513 PSEMI-PE3513 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
PE9312 PSEMI-PE9312 Datasheet
198Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-4 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com