Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3513 Datasheet (PDF) - Peregrine Semiconductor

PE3513 Datasheet PDF - Peregrine Semiconductor
Part # PE3513
Download  PE3513 Download
File Size   260.09 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler

PE3513 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3513 Datasheet PDF - Peregrine Semiconductor

Part # PE3513
Download  PE3513 Click to download

File Size   260.09 Kbytes
Page   9 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler

PE3513 Datasheet (HTML) - Peregrine Semiconductor


PE3513 Product details

Product Description
The PE3513 is a high-performance static UltraCMOS™ prescaler with a fixed divide ratio of 8. Its operating frequency range is DC to 1500 MHz. The PE3513 operates on a nominal 3 V supply and draws only 8 mA. The input and output interfaces support both AC-coupled, low-Z RF as well as direct connection to low voltage positive logic devices. It is packaged in a small 6-lead SC-70 and is ideal for frequency scaling solutions

Features
• DC to 1500 MHz operation
• Fixed divide ratio of 8
• Low-power consumption: 8 mA typical @ 3V
• RF or LV Digital Interface
• Ultra-small package: 6-lead SC-70




Similar Part No. - PE3513

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Pasternack Enterprises,...
PE3513 PASTERNACK-PE3513 Datasheet
270Kb / 1P
CABLE ASSEMBLY RG316/U SMA MALE TO SMA MALE RIGHT ANGLE
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS
PE3513-EK PEREGRINE-PE3513-EK Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
logo
Pasternack Enterprises,...
PE3513LF PASTERNACK-PE3513LF Datasheet
279Kb / 1P
Cable Assembly
More results


Similar Description - PE3513

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3503 PEREGRINE-PE3503 Datasheet
162Kb / 7P
3500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE3511 PEREGRINE-PE3511 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
PE3512 PEREGRINE-PE3512 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-4 Prescaler
PE3513 PEREGRINE-PE3513 Datasheet
224Kb / 8P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler
PE9313 PEREGRINE-PE9313 Datasheet
179Kb / 7P
1500 MHz Low Power UltraCMOS??Divide-by-8 Prescaler Rad hard for Space Applications
PE83513 PEREGRINE-PE83513 Datasheet
278Kb / 6P
DC - 1500 MHz Low Power CMOS Divide-by-8 Prescaler
PE83513 PEREGRINE-PE83513_06 Datasheet
236Kb / 7P
DC - 1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Military Operating Temperature Range
logo
Peregrine Semiconductor
PE3511 PSEMI-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS Divide-by-2 Prescaler
PE9313 PSEMI-PE9313 Datasheet
168Kb / 7P
1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler Rad hard for Space Applications
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511 Datasheet
260Kb / 9P
1500 MHz Low Power UltraCMOS??Divide-by-2 Prescaler
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com