Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3513 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE3513
Description  1500 MHz Low Power UltraCMOS Divide-by-8 Prescaler
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE3513 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE3513 Datasheet HTML 1Page - Peregrine Semiconductor PE3513 Datasheet HTML 2Page - Peregrine Semiconductor PE3513 Datasheet HTML 3Page - Peregrine Semiconductor PE3513 Datasheet HTML 4Page - Peregrine Semiconductor PE3513 Datasheet HTML 5Page - Peregrine Semiconductor PE3513 Datasheet HTML 6Page - Peregrine Semiconductor PE3513 Datasheet HTML 7Page - Peregrine Semiconductor PE3513 Datasheet HTML 8Page - Peregrine Semiconductor PE3513 Datasheet HTML 9Page - Peregrine Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Product Specification
PE3513
Page 2 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0108-06
│ UltraCMOS™ RFIC Solutions
Table 2. DC Electrical Characteristics (-40° C
≤ T
A ≤ 85° C)
Table 3. AC Characteristics (-40° C
≤ T
A ≤ 85° C)
Table 4. Typical Output Swing (VDD = 2.7 V)
* See figure 5 for AC test circuit
Symbol
Parameter
Condition
Typical
Unit
VIH
High Level Input Voltage
2.7 V ≤ VDD ≤ 3.3 V
2.0
V
VIL
Low Level Input Voltage
2.7 V ≤ VDD ≤ 3.3 V
0.8
V
VOH
High Level Output Voltage
VDD = 2.7 V; IOH = 2.9 mA
2.2
V
VOL
Low Level Output Voltage
VDD = 2.7 V; IOL = 2.6 mA
0.4
V
Symbol
Parameter
Condition*
Typical
Unit
tPHL
Propagation Delay
(High to Low)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
4.1
ns
tPLH
Propagation Delay
(Low to High)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
3.9
ns
tr
Output Rise Time
(10% to 90%)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
2.0
ns
tf
Output Fall Time
(90% to 10%)
50 MHz Pulse Train Input;
CL = 10 pF, RL = 500 Ω
2.0
ns
Frequency
Condition
Typical
Unit
50 MHz
200 mVp-p Sinusoidal Input;
CL = 10 pF, RL = 500 Ω
2.3
Vp-p
500 MHz
200 mVp-p Sinusoidal Input;
CL = 10 pF, RL = 500 Ω
2.3
Vp-p
1500 MHz
200 mVp-p Sinusoidal Input;
CL = 10 pF, RL = 500 Ω
2.2
Vp-p



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com