Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC256 Datasheet (PDF) - Hittite Microwave Corporation

HMC256 Datasheet PDF - Hittite Microwave Corporation
Part # HMC256
Download  HMC256 Download
File Size   134.61 Kbytes
Page   5 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER 5.9 - 12 GHz

HMC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC256 Datasheet PDF - Hittite Microwave Corporation

Part # HMC256
Download  HMC256 Click to download

File Size   134.61 Kbytes
Page   5 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC I/Q MIXER 5.9 - 12 GHz

HMC256 Datasheet (HTML) - Hittite Microwave Corporation


HMC256 Product details

General Description
The HMC256 chip is a compact, 2.08 mm2, I/Q Mixer MMIC which can be used as an Image Reject Mixer (IRM) or Single Sideband (SSB) upconverter. The chip utilizes two standard Hittite double-balanced mixer cells and a Lange Coupler realized in GaAs MESFET technology. All data is with the chip in a 50 Ohm test fi xture connected via 0.025 mm (1 mil) diameter wire bonds of minimal length <0.51 mm (<20 mils). A low frequency quadrature hybrid was used to interface the MMIC IF ports to a 120 MHz IF USB output. This provides an example of the I/Q Mixer in an IRM application. The IF may be used from DC to 1.5 GHz. This I/Q Mixer is a more reliable, much smaller replacement to hybrid drop-in style I/Q Mixer assemblies.

Features
   High Image Rejection: >30 dB
   Input IP3: +18 dB
   Wideband IF: DC to 1.5 GHz
   Die Size: 1.6 x 1.3 x 0.1 mm

Typical Applications
The HMC256 is ideal for:
• Microwave Radio & VSAT
• Test Instrumentation
• Military Radios Radar & ECM
• Space




Similar Part No. - HMC256

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256 Datasheet
145Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256 Datasheet
163Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
logo
Micross Components
HMC256 MICROSS-HMC256 Datasheet
809Kb / 9P
Test Instrumentation
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
More results


Similar Description - HMC256

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256 Datasheet
145Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC522 HITTITE-HMC522 Datasheet
307Kb / 6P
GaAs MMIC I/Q MIXER 11 - 16 GHz
HMC524 HITTITE-HMC524 Datasheet
305Kb / 6P
GaAs MMIC I/Q MIXER 22 - 32 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC1041LC4 HITTITE-HMC1041LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
HMC1042LC4 HITTITE-HMC1042LC4 Datasheet
1Mb / 16P
GaAs MMIC I/Q MIXER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com