Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC256 Datasheet (PDF) - Micross Components

HMC256 Datasheet PDF - Micross Components
Part # HMC256
Download  HMC256 Download
File Size   809.33 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Instrumentation

HMC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC256 Datasheet PDF - Micross Components

Part # HMC256
Download  HMC256 Click to download

File Size   809.33 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Test Instrumentation

HMC256 Datasheet (HTML) - Micross Components


HMC256 Product details

General Description
The HMC256 chip is a compact, 2.08 mm2, I/Q Mixer MMIC which can be used as an Image Reject Mixer (IRM) or Single Sideband (SSB) upconverter. The chip utilizes two standard Hittite double-balanced mixer cells and a Lange Coupler realized in GaAs MESFET technology. All data is with the chip in a 50 Ohm test fi xture connected via 0.025 mm (1 mil) diameter wire bonds of minimal length <0.51 mm (<20 mils). A low frequency quadrature hybrid was used to interface the MMIC IF ports to a 120 MHz IF USB output. This provides an example of the I/Q Mixer in an IRM application. The IF may be used from DC to 1.5 GHz. This I/Q Mixer is a more reliable, much smaller replacement to hybrid drop-in style I/Q Mixer assemblies.

Features
   High Image Rejection: >30 dB
   Input IP3: +18 dB
   Wideband IF: DC to 1.5 GHz
   Die Size: 1.6 x 1.3 x 0.1 mm

Typical Applications
The HMC256 is ideal for:
• Microwave Radio & VSAT
• Test Instrumentation
• Military Radios Radar & ECM
• Space




Similar Part No. - HMC256

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC256 HITTITE-HMC256 Datasheet
145Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256 Datasheet
163Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256 Datasheet
134Kb / 5P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256_07 Datasheet
134Kb / 5P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
HMC256 HITTITE-HMC256_09 Datasheet
163Kb / 6P
GaAs MMIC I/Q MIXER 5.9 - 12 GHz
More results


Similar Description - HMC256

ManufacturerPart #DatasheetDescription
logo
Micross Components
HMC579 MICROSS-HMC579 Datasheet
863Kb / 9P
Test Instrumentation
logo
Analog Devices
HMC448LC3B AD-HMC448LC3B Datasheet
340Kb / 6P
Test Instrumentation
HMC561 AD-HMC561 Datasheet
391Kb / 6P
Test Instrumentation
HMC575LP4 AD-HMC575LP4 Datasheet
314Kb / 6P
Test Instrumentation
HMC579 AD-HMC579 Datasheet
298Kb / 6P
Test Instrumentation
HMC1110 AD-HMC1110 Datasheet
429Kb / 8P
Test Instrumentation
HMC464 AD-HMC464 Datasheet
344Kb / 6P
Test Instrumentation
HMC606LC5 AD-HMC606LC5 Datasheet
407Kb / 6P
Test Instrumentation
HMC659 AD-HMC659 Datasheet
682Kb / 8P
Test Instrumentation
HMC369LP3 AD-HMC369LP3 Datasheet
353Kb / 6P
Test Instrumentation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com