Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

026 Datasheet (PDF) - Pro-Power

026 Datasheet PDF - Pro-Power
Part # 026
Download  026 Download
File Size   120.89 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Switchgear Wire Type BU

026 Datasheet (PDF)

Go To PDF Page Download Datasheet
026 Datasheet PDF - Pro-Power

Part # 026
Download  026 Click to download

File Size   120.89 Kbytes
Page   1 Pages
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power
Description Switchgear Wire Type BU

026 Datasheet (HTML) - Pro-Power


026 Product details

Description
1mm² (1/1.13mm) Plain Copper, PVC Insulated, 600 / 1,000V, BS 6231 : 1998, Table 6, Type BU




Similar Part No. - 026

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
026 CTS-026 Datasheet
822Kb / 4P
Industrial 15/16 inch (24mm) Diameter, 5-Watt, Wirewound Variable Resistors
logo
Pro-Power
026 PROPOWER-026 Datasheet
91Kb / 1P
Wires
02/06/12 V1.1
logo
Keysight Technologies
026 KEYSIGHT-026 Datasheet
757Kb / 10P
AC Power Source/Analyzers, 375-1750 VA An integrated AC power solution
October 2, 2017
logo
Multicomp Pro
026-0208 MULTICOMP-026-0208 Datasheet
155Kb / 1P
IC Storage Boxes
23/09/22 V1.0
026-0209 MULTICOMP-026-0209 Datasheet
155Kb / 1P
IC Storage Boxes
23/09/22 V1.0
More results


Similar Description - 026

ManufacturerPart #DatasheetDescription
logo
Allen-Bradley
440T-MSGAU10 ALLEN-BRADLEY-440T-MSGAU10 Datasheet
105Kb / 2P
Switchgear Adaptors
logo
List of Unclassifed Man...
BU-49 ETC2-BU-49 Datasheet
147Kb / 1P
Insulator for BU??8, BU??0, BU??1 and BU??5 Series Clips
logo
Cooper Bussmann, Inc.
BSPD200480D2K COOPER-BSPD200480D2K Datasheet
584Kb / 7P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
ETAL Group
8330-F ETAL-8330-F Datasheet
326Kb / 6P
Power supplies, process control, switchgear and controlgear
logo
PHOENIX CONTACT
2853996 PHOENIX-2853996 Datasheet
84Kb / 3P
Universal DIN rail adapter, for screwing on switchgear
2854018 PHOENIX-2854018 Datasheet
53Kb / 2P
Universal DIN rail adapter, for screwing on switchgear
2942865 PHOENIX-2942865 Datasheet
111Kb / 3P
Mounting plate for screwing on switchgear, low-profile version
2706412 PHOENIX-2706412 Datasheet
49Kb / 2P
Universal DIN rail adapter for screwing on switchgear
logo
Eaton All Rights Reserv...
BSPD EATON-BSPD Datasheet
1Mb / 8P
High capacity Type 1 and Type 2 SPDs for overvoltage protection on switchgear and power distribution panels
logo
ZIEHL industrie-elektro...
V223313 ZIEHL-V223313 Datasheet
492Kb / 2P
Level Monitor Type NS43V Switchgear-mount Housing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com